Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS9090B Datasheet(PDF) 7 Page - Semtech Corporation

Part # GS9090B
Description  270Mb/s Deserializer for SDI
Download  72 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS9090B Datasheet(HTML) 7 Page - Semtech Corporation

Back Button GS9090B Datasheet HTML 3Page - Semtech Corporation GS9090B Datasheet HTML 4Page - Semtech Corporation GS9090B Datasheet HTML 5Page - Semtech Corporation GS9090B Datasheet HTML 6Page - Semtech Corporation GS9090B Datasheet HTML 7Page - Semtech Corporation GS9090B Datasheet HTML 8Page - Semtech Corporation GS9090B Datasheet HTML 9Page - Semtech Corporation GS9090B Datasheet HTML 10Page - Semtech Corporation GS9090B Datasheet HTML 11Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 72 page
background image
GS9090B GenLINX® III 270Mb/s Deserializer for SDI
Data Sheet
40749 - 5
May 2010
7 of 72
14
RESET
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Used to reset the internal operating conditions to default setting
or to reset the JTAG test sequence.
Host Mode (JTAG/HOST = LOW):
When asserted LOW, all functional blocks will be set to default
conditions and all output signals become high impedance with the
exception of the STAT pins and the DATA_ERROR pin which will
maintain the last state they were in for the duration that RESET is
asserted.
JTAG Test Mode (JTAG/HOST = HIGH):
When asserted LOW, all functional blocks will be set to default and
the JTAG test sequence will be held in reset.
When set HIGH, normal operation of the JTAG test sequence
resumes.
NOTE: See Device Power Up on page 64 for power on reset
requirements.
15, 45
CORE_VDD
Non
Synchronous
Input
Power
Power supply for digital logic blocks. Connect to +1.8V DC.
NOTE: For power sequencing requirements please see Device
Power Up on page 64.
16
CS_TMS
Synchronous
with
SCLK_TCK
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Chip Select / Test Mode Select
Host Mode (JTAG/HOST = LOW):
CS_TMS operates as the host interface chip select, CS, and is active
LOW.
JTAG Test Mode (JTAG/HOST = HIGH):
CS_TMS operates as the JTAG test mode select, TMS, and is active
HIGH.
17
SCLK_TCK
Non
Synchronous
Input
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Serial Data Clock / Test Clock. All JTAG / Host Interface address and
data are shifted into/out of the device synchronously with this
clock.
Host Mode (JTAG/HOST = LOW):
SCLK_TCK operates as the host interface serial data clock, SCLK.
JTAG Test Mode (JTAG/HOST = HIGH):
SCLK_TCK operates as the JTAG test clock, TCK.
18, 48
CORE_GND
Non
Synchronous
Input
Power
Ground connection for digital logic blocks. Connect to GND.
19
SDOUT_TDO
Synchronous
with
SCLK_TCK
Output
CONTROL SIGNAL INPUT
Signal levels are LVCMOS / LVTTL compatible.
Serial Data Output / Test Data Output
Host Mode (JTAG/HOST = LOW):
SDOUT_TDO operates as the host interface serial output, SDOUT,
used to read status and configuration information from the
internal registers of the device.
JTAG Test Mode (JTAG/HOST = HIGH):
SDOUT_TDO operates as the JTAG test data output, TDO.
Table 1-1: Pin List and Description (Continued)


Similar Part No. - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
GenLINX짰 III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090BCNE3 GENNUM-GS9090BCNE3 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
More results

Similar Description - GS9090B

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS9090B GENNUM-GS9090B_10 Datasheet
1Mb / 72P
GenLINX III 270Mb/s Deserializer for SDI
GS9090B GENNUM-GS9090B Datasheet
1Mb / 71P
GenLINX짰 III 270Mb/s Deserializer for SDI
logo
Semtech Corporation
GS9091B SEMTECH-GS9091B Datasheet
4Mb / 73P
270Mb/s Deserializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9090A GENNUM-GS9090A Datasheet
1Mb / 69P
GS9090A GenLINX-R III 270Mb/s Deserializer for SDI
GS9091B GENNUM-GS9091B Datasheet
1Mb / 71P
GenLINX II 270Mb/s Deserializer for SDI and DVB-ASI
GS9090 GENNUM-GS9090 Datasheet
1Mb / 70P
GS9090 GenLINX-R III 270Mb/s Deserializer for SDI and DVB-ASI
GS9090A GENNUM-GS9090A_10 Datasheet
1Mb / 73P
GenLINX III 270Mb/s Deserializer
logo
Semtech Corporation
GS9092A SEMTECH-GS9092A Datasheet
4Mb / 61P
270Mb/s Serializer for SDI and DVB-ASI
logo
Gennum Corporation
GS9092A GENNUM-GS9092A_10 Datasheet
1Mb / 63P
GenLINX III 270Mb/s Serializer for SDI and DVB-ASI
GS9092A GENNUM-GS9092A Datasheet
1Mb / 59P
GS9092A GenLINX-R III 270Mb/s Serializer for SDI and DVB-ASI
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com