Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 93 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 93 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 89Page - Semtech Corporation GS2970A Datasheet HTML 90Page - Semtech Corporation GS2970A Datasheet HTML 91Page - Semtech Corporation GS2970A Datasheet HTML 92Page - Semtech Corporation GS2970A Datasheet HTML 93Page - Semtech Corporation GS2970A Datasheet HTML 94Page - Semtech Corporation GS2970A Datasheet HTML 95Page - Semtech Corporation GS2970A Datasheet HTML 96Page - Semtech Corporation GS2970A Datasheet HTML 97Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 93 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
93 of 150
waiting for the status boundary, the device sets the appropriate ACS_APPLY_WAIT[A:D]
flag.
Table 4-24 shows the host interface default settings for the Audio Channel Status block.
The audio de-embedder automatically generates the CRC word.
4.19.3.9 Audio Mute
When the MUTE bits in the host interface are set HIGH, the audio outputs are muted (all
audio sample bits are set to zero). To set all the audio output channels to mute, set the
host interface MUTE_ALL bit HIGH.
Table 4-24: Audio Channel Status Information Registers
Name
Description
Default
ACSR[7-0]
Audio channel status block byte 0 set. Used when ACS_REGEN is set HIGH
85h
ACSR[15-8]
Audio channel status block byte 1 set. Used when ACS_REGEN is set HIGH
08h
ACSR[23-16]Audio channel status block byte 2 set. Used when ACS_REGEN is set HIGH
28h (SD) 2Ch (HD)
ACSR[31-24]:
ACSR[183-176]
Audio channel status block data for bytes 3 to 22. Used when ACS_REGEN is set HIGH
00h
ACS_REGEN
Audio channel status regenerate
0
ACS_APPLY
Apply new ACSR data
0
ACS_APPLY_W
AIT[A:D]
Waiting to apply new ACSR data
0
ACS[7-0]:
ACS[183-176]
Audio channel status block data for bytes 0 to 22
00h: 00h
Table 4-24:Audio Channel Status Block for Regenerate Mode Default Settings
Name
Byte
Bit
Default
Mode
PRO
0
0
1b
Professional use of channel status block
Emphasis
0
2-4
100b
100b None. Rec. manual override disabled
Sample Frequency0
6-7
01b
48kHz. Manual override or auto disabled
Channel Mode1
0-3
0001b
Two channels. Manual override disabled
AUX
2
0-2
000bSD Modes: Maximum audio word length is 20 bits
001b
HD Mode: Maximum audio word length is 24 bits
Source Word Length
2
3-5
101b
Maximum word length (based on AUX setting).
24-bit for HD Mode; 20-bit for SD Modes
All other bits set to zero


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com