Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 30 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 30 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 26Page - Semtech Corporation GS2970A Datasheet HTML 27Page - Semtech Corporation GS2970A Datasheet HTML 28Page - Semtech Corporation GS2970A Datasheet HTML 29Page - Semtech Corporation GS2970A Datasheet HTML 30Page - Semtech Corporation GS2970A Datasheet HTML 31Page - Semtech Corporation GS2970A Datasheet HTML 32Page - Semtech Corporation GS2970A Datasheet HTML 33Page - Semtech Corporation GS2970A Datasheet HTML 34Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 30 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
30 of 150
4.2.2 Level B Mapping
The 2 x 292 HD SDI interface - this can be two distinct links running at 1.5Gb/s or one
3Gb/s link formatted according to SMPTE 292 on two 10-bit links (Y/C interleaved). For
1080p/50/59.94/60 4:2:2 video formats, each link should be line-interleaved as per
SMPTE 372M. See Figure 4-2:
Figure 4-2:Level B Mapping
The GS2970A distinguishes between Level A and Level B mappings at 3Gb/s. When
Level B data is detected, each 10-bit link is demultiplexed into its individual component
streams, and most video processing features, including error detection and correction
are enabled separately for Data Stream 1 and Data Stream 2 (Link A and Link B,
respectively). Note that audio demultiplexing and ancillary data extraction can only be
enabled for one link for 3Gb/s Level B data. Data Stream 1 or Data Stream 2 can be
selected via the host interface.
4.3 Serial Digital Input
The GS2970A can accept serial digital inputs compliant with SMPTE 424M, SMPTE 292
and SMPTE 259M-C. The serial digital input buffer features 50
Ω input termination and
can be DC-coupled to Semtech's 3Gb/s-capable equalizers.
4.4 Serial Digital Loop-Through Output
The GS2970A contains a 100
Ω differential serial output buffer which can be configured
to output either a retimed or a buffered version of the serial digital input. The SDO and
SDO outputs of this buffer can interface directly to a 3Gb/s-capable, SMPTE compliant
Gennum cable driver. See 5.1 Typical Application Circuit on page 145.
When the RC_BYP pin is set HIGH, the serial digital output is the re-timed version of the
serial input.
When the RC_BYP pin is set LOW, the serial digital output is simply the buffered version
of the serial input, bypassing the internal reclocker.
The output can be disabled by setting the SDO_EN/DIS pin LOW. The output is also
disabled when the STANDBY pin is asserted HIGH. When the output is disabled, both
SDO and SDO pins are set to VDD and remain static.
Data Stream 1
(”Link A”)
Data Stream 2
(”Link 2”)
EAV
HANC
SAV
Active Video
“double” TRS headers from
interleaved HD-SDI;
multiplexed Y/C data


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com