Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 29 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 29 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 25Page - Semtech Corporation GS2970A Datasheet HTML 26Page - Semtech Corporation GS2970A Datasheet HTML 27Page - Semtech Corporation GS2970A Datasheet HTML 28Page - Semtech Corporation GS2970A Datasheet HTML 29Page - Semtech Corporation GS2970A Datasheet HTML 30Page - Semtech Corporation GS2970A Datasheet HTML 31Page - Semtech Corporation GS2970A Datasheet HTML 32Page - Semtech Corporation GS2970A Datasheet HTML 33Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
29 of 150
4. Detailed Description
4.1 Functional Overview
The GS2970A is a multi-rate, multi-standard receiver with integrated SMPTE video
processing as well as an integrated audio de-embedder, compliant with SMPTE 425M,
SMPTE 424M, SMPTE 292 and SMPTE 259M-C signals. When used in conjunction with
Semtech's 3Gb/s-capable equalizers, a complete receive solution that supports full
bandwidth 1080p video at 2.97Gb/s can be realized.
The GS2970A includes an integrated reclocker, serial data loop through output, robust
serial-to-parallel conversion, integrated SMPTE video processing, and additional
processing functions such as audio extraction, ancillary data extraction, EDH support,
and DVB-ASI decoding.
The device supports four distinct modes of operation that can be set through external
device pins or by programming internal registers through the host interface; SMPTE
mode, Data-Through mode, DVB-ASI mode and Standby mode.
In SMPTE mode, all video processing features, ancillary data extraction, and audio
de-embedding features are enabled by default.
In DVB-ASI mode, the GS2970A carries out 8b/10b decoding and generates 10-bit
parallel DVB-ASI compliant data.
In Data-Through mode, the device operates as a simple serial to parallel converter. No
additional processing features are enabled.
Standby mode is the low power consumption mode of the device. In this mode, the
internal reclocker will unlock, and the internal configuration registers will not be
accessible through the host interface.
The GS2970A includes a JTAG interface for boundary scan testing.
4.2 SMPTE 425M Mapping - 3G Level A and Level B Formats
4.2.1 Level A Mapping
Direct image format mapping - the mapping structure used to define 1080p/50/59.94/60
4:2:2 YCbCr 10 bit data, as supported by the GS2970A. See Figure 4-1:
Figure 4-1:Level A Mapping
Data Stream 1
Data Stream 2
EAV
HANC
SAV
Active Video


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com