Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 18 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 18 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 14Page - Semtech Corporation GS2970A Datasheet HTML 15Page - Semtech Corporation GS2970A Datasheet HTML 16Page - Semtech Corporation GS2970A Datasheet HTML 17Page - Semtech Corporation GS2970A Datasheet HTML 18Page - Semtech Corporation GS2970A Datasheet HTML 19Page - Semtech Corporation GS2970A Datasheet HTML 20Page - Semtech Corporation GS2970A Datasheet HTML 21Page - Semtech Corporation GS2970A Datasheet HTML 22Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
18 of 150
2.3 DC Electrical Characteristics
Table 2-3:DC Electrical Characteristics
Guaranteed over recommended operating conditions unless otherwise noted.
Parameter
Symbol
Conditions
Min
Typ
Max
Units
Notes
System
+1.2V Supply Current
I1V2
10bit 3G
220
265mA
20bit 3G
215
265mA
10/20bit HD
175
215
mA
10/20bit SD
145
180
mA
DVB_ASI
135
165mA
+1.8V Supply Current
I1V8
10bit 3G
32
34
mA
20bit 3G
32
34
mA
10/20bit HD
20
21
mA
10/20bit SD
6
7mA
DVB_ASI
6
7mA
+3.3V Supply Current
I3V3
10bit 3G
95
105
mA
20bit 3G
95
105
mA
10/20bit HD
6575
mA
10/20bit SD
35
45
mA
DVB_ASI
35
45
mA
Total Device Power
(IO_VDD = 1.8V)
P1D8
10bit 3G
380
470
mW
20bit 3G
350
435
mW
10/20bit HD
300
360mW
10/20bit SD
235
305
mW
DVB_ASI
235
305
mW
Reset
200
mW
Standby
16
44
mW
Total Device Power
(IO_VDD = 3.3V)
P3D3
10bit 3G
580
700
mW
20bit 3G
580
695
mW
10/20bit HD
430
530
mW
10/20bit SD
290
370
mW
DVB_ASI
290
370
mW
Reset
220
mW
Standby
16
44
mW
Digital I/O
Input Logic LOW
VIL
3.3V or 1.8V operation
IO_VSS
-0.3
0.3 x
IO_VDD
V–
Input Logic HIGH
VIH
3.3V or 1.8V operation
0.7 x
IO_VDD
IO_VDD
+0.3
V–


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com