Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 15 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 15 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 11Page - Semtech Corporation GS2970A Datasheet HTML 12Page - Semtech Corporation GS2970A Datasheet HTML 13Page - Semtech Corporation GS2970A Datasheet HTML 14Page - Semtech Corporation GS2970A Datasheet HTML 15Page - Semtech Corporation GS2970A Datasheet HTML 16Page - Semtech Corporation GS2970A Datasheet HTML 17Page - Semtech Corporation GS2970A Datasheet HTML 18Page - Semtech Corporation GS2970A Datasheet HTML 19Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
15 of 150
H7
20bit/10bit
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in theDC Electrical
Characteristics table for logic level threshold and compatibility.
Used to select the output bus width.
HIGH = 20-bit, LOW = 10-bit.
H8
IOPROC_EN/DIS
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable or disable audio and video processing features.
When IOPROC_EN is HIGH, the audio and video processing features
of the device are enabled. When IOPROC_EN is LOW, the processing
features of the device are disabled, and the device is in a
low-latency operating mode.
J1, K1
SDO, SDO
Output
Serial Data Output Signal.
50
Ω CML buffer for interfacing to an external cable driver.
Serial digital output signal operating at 2.97Gb/s, 2.97/1.001Gb/s,
1.485Gb/s, 1.485/1.001Gb/s and 270Mb/s.
J2
SDO_EN/DIS
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Used to enable/disable the serial digital output stage.
When SDO_EN/DIS is LOW, the serial digital output signals, SDO and
SDO, are both pulled HIGH.
When SDO_EN/DIS is HIGH, the serial digital output signals, SDO and
SDO, are enabled.
J3
AOUT_1/2
Output
Serial Audio Output; Channels 1 and 2.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
J4ACLK
Output
64fs sample clock for audio.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
J5
AOUT_5/6
Output
Serial Audio Output; Channels 5 and 6.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
J6, K6
XTAL2, XTAL1
Analog Input
Input connection for 27MHz crystal.
K2
STANDBY
Input
CONTROL SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
When this pin is set HIGH, the device is placed in a power-saving
mode. No data processing occurs, and the digital I/Os are powered
down.
In this mode, the serial digital output signals, SDO and SDO, are
both pulled HIGH.
K3
AOUT_3/4
Output
Serial Audio Output; Channels 3 and 4.
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Table 1-1:Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com