Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 100 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 100 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 96Page - Semtech Corporation GS2970A Datasheet HTML 97Page - Semtech Corporation GS2970A Datasheet HTML 98Page - Semtech Corporation GS2970A Datasheet HTML 99Page - Semtech Corporation GS2970A Datasheet HTML 100Page - Semtech Corporation GS2970A Datasheet HTML 101Page - Semtech Corporation GS2970A Datasheet HTML 102Page - Semtech Corporation GS2970A Datasheet HTML 103Page - Semtech Corporation GS2970A Datasheet HTML 104Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 100 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
100 of 150
000h
IOPROC_1
ANC_CHECKSUM
_INSERTION_DS1_MASK
3Disables insertion of ancillary data
checksums for 3G Level B Data
Stream 1, 3G Level A, HD and SD
inputs.
R/W
0
CRC_INS_DS1_MASK2
Disables insertion of HD/3G CRC
words for 3G Level B Data Stream
1, 3G Level A, and HD inputs.
R/W
0
LNUM_INS_DS1_MASK1
Disables insertion of line numbers
for 3G Level B Data Stream 1, 3G
Level A, and HD inputs.
R/W
0
TRS_INS_DS1_MASK0
Disables insertion of TRS words for
3G Level B Data Stream 1, 3G Level
A, HD and SD inputs.
R/W
0
001h
IOPROC_2
RSVD
15
Reserved.
R/W
N/A
NONINV
14
With DISB_AUTDET set HIGH, if this
bit is asserted (HIGH), forces
non-inverted MPEG-2 decoding. If
deasserted (LOW), forces inverted
MPEG-2 decoding. Applicable in
DVB-ASI mode only.
R/W
0
DISB_AUTDET
13
Disables auto detection of inverted
DVB ASI MPEG-2 data when HIGH.
When LOW, NONINV is ignored
and the DVB decoder auto detects
for inverted MPEG-2 data.
Applicable in DVB-ASI mode only.
R/W
0
TRS_WORD_REMAP_DS2
_DISABLE
12
Disables 8-bit TRS word remapping
in Data Stream 2 (3G Level B only).
R/W
0
RSVD
11
Reserved.
R/W
0
REGEN_352M_MASK10
Disables regeneration of the
SMPTE 352M packet for 3G Level B
data. Note: this bit needs to be
enabled via the host interface to
disable SMPTE 352M packet
generation. It is strongly
recommended to set this bit LOW
only when Level B to Level A
conversion is enabled.
R/W
0
Table 4-27:Video Core Configuration and Status Registers (Continued)
Address
Register Name
Bit Name
Bit
Description
R/W
Default


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com