Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 99 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 99 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 95Page - Semtech Corporation GS2970A Datasheet HTML 96Page - Semtech Corporation GS2970A Datasheet HTML 97Page - Semtech Corporation GS2970A Datasheet HTML 98Page - Semtech Corporation GS2970A Datasheet HTML 99Page - Semtech Corporation GS2970A Datasheet HTML 100Page - Semtech Corporation GS2970A Datasheet HTML 101Page - Semtech Corporation GS2970A Datasheet HTML 102Page - Semtech Corporation GS2970A Datasheet HTML 103Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
99 of 150
4.21 Host Interface Register Maps
NOTE: The GS2970A only accepts write/read commands to/from the Audio Register
Maps when the audio core is locked to the incoming video data rate. The Video Register
Map is always active, whether valid serial input data is present or not.
4.21.1 Video Core Registers
Table 4-27:Video Core Configuration and Status Registers
Address
Register Name
Bit Name
Bit
Description
R/W
Default
000h
IOPROC_1
RSVD
15
Reserved.
R
0
TRS_WORD_REMAP_DS1
_DISABLE
14
Disables 8-bit TRS word remapping
for 3G Level B Data Stream 1, 3G
Level A, HD and SD inputs.
R/W
0
RSVD
13
Reserved.
R/W
0
EDH_FLAG_UPDATE
_MASK
12
Disables updating of EDH error
flags.
R/W
0
EDH_CRC_INS_MASK11
Disables EDH_CRC error correction
and insertion.
R/W
0
H_CONFIG
10
Selects the H blanking indication:
0: Active line blanking - the H
output is HIGH for all the
horizontal blanking period,
including the EAV and SAV TRS
words.
1: TRS based blanking - the H
output is set HIGH for the entire
horizontal blanking period as
indicated by the H bit in the
received TRS signals.
This signal is only valid when
TIM_861 is set to '0' (via pin or host
interface).
R/W
0
ANC_DATA_EXT_MASK9
Disables ancillary data extraction
FIFO.
R/W
0
AUD_EXT_MASK8
Disables audio extraction block.
R/W
0
TIM_861_PIN_DISABLE
7
Disable TIM_861 pin control when
set to '1', and use TIMING_861 bit
instead.
R/W
0
TIMING_861
6Selects the output timing reference
format: 0 = Digital FVH timing
output; 1 = CEA-861 timing output.
R/W
0
RSVD
5
Reserved.
R/W
0
ILLEGAL_WORD_REMAP
_DS1_MASK
4Disables illegal word remapping
for 3G Level B Data Stream 1, 3G
Level A, HD and SD inputs.
R/W
0


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com