Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 94 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 94 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 90Page - Semtech Corporation GS2970A Datasheet HTML 91Page - Semtech Corporation GS2970A Datasheet HTML 92Page - Semtech Corporation GS2970A Datasheet HTML 93Page - Semtech Corporation GS2970A Datasheet HTML 94Page - Semtech Corporation GS2970A Datasheet HTML 95Page - Semtech Corporation GS2970A Datasheet HTML 96Page - Semtech Corporation GS2970A Datasheet HTML 97Page - Semtech Corporation GS2970A Datasheet HTML 98Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 94 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
94 of 150
Mute On Loss Of Lock
When the GS2970A loses lock (LOCKED signal is LOW), the audio de-embedder sets all
audio outputs LOW (no audio formatting is performed). The ACLK, WCLK and AMCLK
outputs are also forced LOW.
4.19.4 Error Reporting
4.19.4.1 Data Block Number Error
When the 1-255 count sequence in the Data Block Number (DBN) word of Group A audio
data packets is discontinuous, the DBNA_ERR bit in the host interface
AUDIO_ERROR_STAT_X register is set HIGH. When the 1-255 count sequence in the
DBN word of Group B audio data packets is discontinuous, the DBNB_ERR bit in the
AUDIO_ERROR_STAT_X register is set HIGH.
The DBNA_ERR and DBNB_ERR flags also have associated SD_AUDIO_ERROR_MASK
and HD_AUDIO_ERROR_MASK register flags for configuration of error reporting in the
Receiver. The DBNA_ERR and DBNB_ERR flags remains set until cleared by writing to
these locations.
4.19.4.2 ECC Error
The GS2970A monitors the ECC error status of the two selected audio groups, as
described in Section 4.19.2.6 on page 86.
The ECC[N]_ERROR flags also have associated SD_AUDIO_ERROR_MASK and
HD_AUDIO_ERROR_MASK register flags for configuration of error reporting in the
Receiver. The ECC[N]_ERROR flags remain set until read via the host interface.
Table 4-25:Audio Mute Control Bits
Name
Description
Default
MUTE_ALL
Ch1-8 audio mute enable (1: Enabled)0
MUTE8
Ch8 audio mute enable (1: Enabled)0
MUTE7
Ch7 audio mute enable (1: Enabled)0
MUTE6Ch6 audio mute enable (1: Enabled)0
MUTE5
Ch5 audio mute enable (1: Enabled)0
MUTE4
Ch4 audio mute enable (1: Enabled)0
MUTE3
Ch3 audio mute enable (1: Enabled)0
MUTE2
Ch2 audio mute enable (1: Enabled)0
MUTE1
Ch1 audio mute enable (1: Enabled)0


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com