Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 92 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 92 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 88Page - Semtech Corporation GS2970A Datasheet HTML 89Page - Semtech Corporation GS2970A Datasheet HTML 90Page - Semtech Corporation GS2970A Datasheet HTML 91Page - Semtech Corporation GS2970A Datasheet HTML 92Page - Semtech Corporation GS2970A Datasheet HTML 93Page - Semtech Corporation GS2970A Datasheet HTML 94Page - Semtech Corporation GS2970A Datasheet HTML 95Page - Semtech Corporation GS2970A Datasheet HTML 96Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 92 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
92 of 150
4.19.3.6 Audio Channel Status
The GS2970A detects the AES/EBU Audio Channel Status (ACS) block information for
each of the selected channel pairs.
ACS data detection is indicated by corresponding ACS_DET flag bits in the host
interface. The flag is cleared by writing to the same location.
4.19.3.7 Audio Channel Status Read
AES/EBU ACS data is available separately for each of the channels in a stereo pair. The
GS2970A defaults to reading the first channel of each pair. There are 184 bits in each
ACS packet, which are written to twelve 16-bit right-justified registers in the host
interface.
The ACS_USE_SECOND bit (default LOW) selects the second channel in each audio pair
when set HIGH.
Once all of the ACS data for a channel has been acquired, the corresponding ACS_DET
bit is set, and acquisition stops. The ACS data is overwritten with new data when the
ACS_DET bit is cleared in the system.
4.19.3.8 Audio Channel Status Regeneration
When the ACS_REGEN bit in the host interface is set HIGH, the audio de-embedder
embeds the 24 bytes of the Audio Channel Status information programmed in the
ACSR[183:0] registers into the 'C' bit of the AES/EBU outputs. The same Audio Channel
Status information is used for all output channels.
In order to apply ACSR data;
• Set the ACS_REGEN bit to logic HIGH
• Write the desired ACSR data to the ACSR registers
• Set the ACS_APPLY bit to HIGH
At the next status boundary, the device outputs the contents of the ACSR registers as
ACS data. This event may occur at a different time for each of the output channels. While
Table 4-23:Audio Sample Word Lengths
ASWL[1:0]
Audio Sample Word Length
(SD)
Audio Sample Word Length
(HD)
00
24-bit
24-bit
01
20-bit
20-bit
10
16-bit
16-bit
11
Auto 24/20-bit (Default)
Reserved (Default)
NOTE: By default, at power-up, the word length is set to 12 bits. The desired word length
should be programmed through the host interface.


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com