Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 90 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 90 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 86Page - Semtech Corporation GS2970A Datasheet HTML 87Page - Semtech Corporation GS2970A Datasheet HTML 88Page - Semtech Corporation GS2970A Datasheet HTML 89Page - Semtech Corporation GS2970A Datasheet HTML 90Page - Semtech Corporation GS2970A Datasheet HTML 91Page - Semtech Corporation GS2970A Datasheet HTML 92Page - Semtech Corporation GS2970A Datasheet HTML 93Page - Semtech Corporation GS2970A Datasheet HTML 94Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 90 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
90 of 150
Figure 4-46:Audio Buffer Pointer Boundary Checking
The repeat or drop sample operation is performed a maximum of 28 consecutive times,
after which the audio outputs are muted (all sample data set to zero). In SD Mode, 26
samples are required to be written into the FIFO prior to starting the read operation
again.
The audio buffer pointer offset may be reduced from 26 samples to 12 or 6 samples using
the OS_SEL[1:0] bits in the host interface. The default setting is 26 samples (see
Table 4-21).
When the OS_SEL[1:0] bits are set for 6-sample pointer offset, no boundary-checking is
performed.
In HD mode the audio FIFO is a maximum of 10 samples deep. According to SMPTE
299M, audio samples are multiplexed immediately in the next HANC region after the
audio sample occurs.
Sample Delay
When extracting SD audio, certain conditions can cause the sample delay through the
audio FIFOs to be 1-4 samples different between channels.
If delays through the audio FIFOs must be the same, it is recommended that the FIFO
size gets set to 22 or 16 with OS_SEL[1:0]. Additionally, the audio FIFO must be cleared
when either of the following occurs:
1. Loss of lock. The FIFO should be cleared when the part has relocked.
2. When one of the groups of audio disappears and re-appears. Poll the audio data
packet detected registers ADPG1_DET, ADPG2_DET, ADPG3_DET, and ADPG4_DET
Table 4-21:Audio Buffer Pointer Offset Settings
OS_SEL[1:0]
Buffer Pointer Offset
00
26 samples (default)
01
12 samples
10
6 samples
Audio Buffer
0
29
35
Read
Pointer
Write
Pointer
Write
Pointer
A
5
B
Address


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com