Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 88 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 88 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 84Page - Semtech Corporation GS2970A Datasheet HTML 85Page - Semtech Corporation GS2970A Datasheet HTML 86Page - Semtech Corporation GS2970A Datasheet HTML 87Page - Semtech Corporation GS2970A Datasheet HTML 88Page - Semtech Corporation GS2970A Datasheet HTML 89Page - Semtech Corporation GS2970A Datasheet HTML 90Page - Semtech Corporation GS2970A Datasheet HTML 91Page - Semtech Corporation GS2970A Datasheet HTML 92Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 88 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
88 of 150
The audio de-embedder also includes a Flywheel block to overcome any inconsistencies
in the embedded audio clock phase information.
If the audio phase data is not present in the audio data packets, or is incorrect, the
NO_PHASEA_DATA bit in the host interface is set and the clock will free-run based on
the detected video format, the PCLK and the M value. IGNORE_PHASE should be set
HIGH when NO_PHASEA_DATA is set. This does not occur automatically.
When the IGNORE_PHASE bit in the host interface is set HIGH, it is recommended that
the M value be programmed via the host interface. This can be done by setting the
FORCE_M bit HIGH, and programming the desired value into FORCE_MEQ1001. The
correct value can be obtained by reading the M bit from the Video Core Registers.
If the DDPS is locked to phase data and audio data packets are lost or corrupted, the
Clock Generator will flywheel for up to four audio data packets. If no valid audio data
packet with valid phase data is provided within this time, the Clock Generator will
free-run based on the video format, the PCLK and the M value.
If the IGNORE_PHASE bit in the host interface is HIGH, the clock will free-run based on
the video format, the PCLK and the M value, independent of the NO_PHASEA_DATA bit.
In the 720p/24 video format, the total line length is 4125 pixels, which requires a
resolution of 13 bits for the audio clock phase words in the embedded audio data
packets. SMPTE 299M only specifies a maximum of 12 bits resolution. Proposed changes
to SMPTE 299M suggest using bit 5 of UDW1 (currently reserved and set to zero) in the
audio data packet as the MSB (ck13) for the audio clock phase data, providing 13 bits
resolution.
Some audio encoders may hold the clock phase value at a maximum value when
reached, until reset at the end of the line. This produces a small amount of audio phase
jitter for the period of one sample.
To overcome this issue, the audio de-embedder checks for all cases. On detection of the
maximum value, a comparison is made between previous clock phases and the correct
position interpolated. If the clock phase data value starts to decrease, the de-embedder
checks to see if bit 5 (ck13) of UDW1 in the audio data packet is set. If ck13 is set, the
correct value is used. If ck13 is not set, the correct position is interpolated.
4.19.3.2 Detect Five-Frame Sequence Block
Five-frame sequence detection is required for 525-line based video formats only. The
audio de-embedder checks the Audio Frame Number sequence in the audio control
packets, when present. If the audio frame sequence is running (repeated 1 to 5 count),
the audio de-embedder uses this information to determine the five-frame sequence. If
the audio control packet is not present, or the Audio Frame Number words are set to
200h, the audio de-embedder detects the five-frame sequence by counting the number
of samples per frame. Figure 4-44 shows the number of samples per frame over a
five-frame sequence.


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com