Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 87 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 87 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 83Page - Semtech Corporation GS2970A Datasheet HTML 84Page - Semtech Corporation GS2970A Datasheet HTML 85Page - Semtech Corporation GS2970A Datasheet HTML 86Page - Semtech Corporation GS2970A Datasheet HTML 87Page - Semtech Corporation GS2970A Datasheet HTML 88Page - Semtech Corporation GS2970A Datasheet HTML 89Page - Semtech Corporation GS2970A Datasheet HTML 90Page - Semtech Corporation GS2970A Datasheet HTML 91Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 87 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
87 of 150
When a one-bit error is detected in a bit array of the ECC protected region of the audio
data packet with audio group DID set in IDA[1:0], the ECCA_ERROR flag is set HIGH.
When a one-bit error is detected in the ECC protected region of the audio data packet
with audio group DID set in IDB[1:0], the ECCB_ERROR flag is set HIGH.
Figure 4-43 shows examples of error correction and detection. Up to 8 bits in error can
be corrected, providing each bit error is in a different bit array (shown below). When
there are two or more bits in error in the same 24-bit array, the errors are detected, but
not corrected.
Figure 4-43:ECC 24-bit Array and Examples
4.19.3 Audio Processing
4.19.3.1 Audio Clock Generation
For SD and HD/3G audio, a single set of audio frequencies is generated for all audio
channels, using a Direct Digital Period Synthesizer (DDPS) to minimize jitter.
• For Mapping structure one signals (1080p 50, 59.94 or 60), the pixel clock is
148.5(/M) MHz, and the phase data are based on this rate. An Audio Master Clock
(AMCLK) is also generated. The frequency is selectable via the host interface as:
fs x 128
fs x 256
fs x 512
In SD mode, audio clocks are derived from the PCLK.
In HD/3G modes, the input control for the DDPS is derived from the two embedded
audio clock phase words in the audio data packet corresponding to Group A. The audio
clock phase information used is taken from the first embedded audio packet in the
HANC space. With no embedded audio present, the device will not generate ACLK or
WCLK. The IGNORE_PHASE bit should be asserted in this case to ensure the proper
AMCLK frequency is generated.
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
24-bit array
ADF ADF ADF
DID DBN
DC
CLK CLK CH1 CH1 CH1 CH1 CH2 CH2 CH2 CH2 CH3 CH3 CH3 CH3 CH4 CH4 CH4 CH4
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Errors corrected
ADF ADF ADF
DID DBN
DC
CLK CLK CH1 CH1 CH1 CH1 CH2 CH2 CH2 CH2 CH3 CH3 CH3 CH3 CH4 CH4 CH4 CH4
Bit 7
Bit 6
Bit 5
Bit 4
Bit 3
Bit 2
Bit 1
Bit 0
Errors detected but not corrected


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com