Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 85 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 85 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 81Page - Semtech Corporation GS2970A Datasheet HTML 82Page - Semtech Corporation GS2970A Datasheet HTML 83Page - Semtech Corporation GS2970A Datasheet HTML 84Page - Semtech Corporation GS2970A Datasheet HTML 85Page - Semtech Corporation GS2970A Datasheet HTML 86Page - Semtech Corporation GS2970A Datasheet HTML 87Page - Semtech Corporation GS2970A Datasheet HTML 88Page - Semtech Corporation GS2970A Datasheet HTML 89Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 85 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
85 of 150
In 3G Level A signals, the audio data packets must be embedded only in Data Stream
Two.
In 3G Level B signals, the audio data packets must be embedded in the Chroma streams
of either Link A or Link B.
The Audio Group Detect registers are set HIGH when audio data packets with a
corresponding group DID are detected in the input video stream. The host interface
reports the individual audio groups detected.
When an audio data packet with a DID set in IDA[1:0] and IDB[1:0] is detected, the audio
sample information is extracted and written into the audio FIFO.
The embedded audio group selected by IDA[1:0] is described henceforth in this
document as Group A or Primary Group. The embedded audio group selected by
IDB[1:0] is described henceforth in this document as Group B or Secondary Group.
Due to the large size of the horizontal ancillary data space in 720p/24, 720p/25 and
720p/30 video standards, the maximum number of ancillary data words the audio
de-embedder can process is limited to 1024 when configured for these standards.
4.19.2.3 Audio Control Packets
The audio de-embedder automatically detects the presence of audio control packets in
the video stream. When audio control packets for audio Group A are detected, the
CTRA_DET bit of the host interface is set HIGH. When audio control packets for audio
Group B are detected, the CTRB_DET bit of the host interface is set HIGH.
The audio control packet data is accessible via the host interface.
The audio control packets must be embedded according to SMPTE 272M (SD) or SMPTE
299M (HD and 3G). In 3G Level A signals, the audio control packets must be embedded
only in Data Stream One. In 3G Level B signals the audio control packets must be
embedded in the Luma streams of each link that carries audio.
NOTE 1: In SD, the control packet host interface registers are updated with new control
packet values, after the CTRA_DET/CTRB_DET flags are cleared. In HD, the update
happens automatically.
NOTE 2: If there is an HD audio packet checksum error, no audio is extracted. The audio
packet is not recognized, and the audio stays in the video stream. If nothing but the CLK
phase parity bit is wrong, the audio will extract fine.
Table 4-18:Audio Data Packet Detect Register
Name
Description
Default
ADPG4_DET
Audio Group Four Data Packet Detection (1: Detected)0
ADPG3_DET
Audio Group Three Data Packet Detection (1: Detected)0
ADPG2_DET
Audio Group Two Data Packet Detection (1: Detected)0
ADPG1_DET
Audio Group One Data Packet Detection (1: Detected)0


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com