Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 84 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 84 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 80Page - Semtech Corporation GS2970A Datasheet HTML 81Page - Semtech Corporation GS2970A Datasheet HTML 82Page - Semtech Corporation GS2970A Datasheet HTML 83Page - Semtech Corporation GS2970A Datasheet HTML 84Page - Semtech Corporation GS2970A Datasheet HTML 85Page - Semtech Corporation GS2970A Datasheet HTML 86Page - Semtech Corporation GS2970A Datasheet HTML 87Page - Semtech Corporation GS2970A Datasheet HTML 88Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 84 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
84 of 150
Figure 4-38:Serial Audio, Left Justified, MSB First
Figure 4-39:Serial Audio, Left Justified, LSB First
Figure 4-40:Serial Audio, Right Justified, MSB First
Figure 4-41:Serial Audio, Right Justified, LSB First
4.19.2.1 AES/EBU Mode
In AES/EBU output mode, the audio de-embedder uses a 128fs (6.144MHz audio bit
clock) clock as shown in Figure 4-42.
Figure 4-42:AES/EBU Audio Output to Bit Clock Timing
4.19.2.2 Audio Data Packet Extraction Block
The audio de-embedder looks for audio data packets on every line of the incoming
video.
The audio data must be embedded according to SMPTE 272M (SD) or SMPTE 299M (HD
or 3G).
WCLK
ACLK
AOUT[8/7:2/1] 23
MSB
0
2
21
2
3
4
5
6
21
LSB
23
MSB
0
2
21
2
3
4
5
6
21
LSB
Channel A (Left)
Channel B (Right)
WCLK
ACLK
AOUT[8/7:2/1]
0
LSB
3
2
122
21
20
19
18
17
2
MSB
0
LSB
3
2
122
21
20
19
18
17
2
MSB
Channel A (Left)
Channel B (Right)
WCLK
ACLK
AOUT[8/7:2/1]
23
MSB
0
2
21
2
20
17
18
19
21
LSB
23
MSB
0
2
21
2
20
17
18
19
21
LSB
Channel A (Left)
Channel B (Right)
WCLK
ACLK
AOUT[8/7:2/1]
0
LSB
3
2
122
21
36
5
4
2
MSB
0
LSB
3
2
122
21
36
5
4
2
MSB
Channel A (Left)
Channel B (Right)
AMCLK
(128fs)
AOUT_1/2, AOUT_3/4
AOUT_5/6, AOUT_7/8
6.144MHz


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com