Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 80 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 80 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 76Page - Semtech Corporation GS2970A Datasheet HTML 77Page - Semtech Corporation GS2970A Datasheet HTML 78Page - Semtech Corporation GS2970A Datasheet HTML 79Page - Semtech Corporation GS2970A Datasheet HTML 80Page - Semtech Corporation GS2970A Datasheet HTML 81Page - Semtech Corporation GS2970A Datasheet HTML 82Page - Semtech Corporation GS2970A Datasheet HTML 83Page - Semtech Corporation GS2970A Datasheet HTML 84Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 80 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
80 of 150
Ancillary data packet extraction and deletion is disabled when the IOPROC_EN/DIS pin
is set LOW.
After extraction, the ancillary data may be deleted from the video stream by setting the
ANC_DATA_DEL bit of the host interface HIGH. When set HIGH, all existing ancillary
data is removed and replaced with blanking values. If any of the ANC_TYPE registers are
programmed with a DID and/or DID and SDID, only the ancillary data packets with the
matching IDs are deleted from the video stream.
NOTE 2: After the ancillary data determined by the ANC_TYPE_X_APX registers has
been deleted, other existing ancillary data may not be contiguous. The device does not
concatenate the remaining ancillary data.
NOTE 3: Reading extracted ancillary data from the host interface must be performed
while there is a valid video signal present at the serial input and the device is locked
(LOCKED signal is HIGH).
4.18.9 Level B to Level A Conversion
When IOPROC_2 register bit LEVEL_B2A_CONV_DISABLE_MASK is HIGH (default),
the GS2970A does not convert 3G LEVEL B streams between Level A and Level B
mapping formats.
When LEVEL_B2A_CONV_DISABLE_MASK is LOW, the GS2970A converts a 3G 1080p
Level B stream to the Level A mapping format, as per SMPTE 425M.
The device assumes that Link A and Link B are phase-aligned at the transmitter.
The output data are line multiplexed such that the data content from Link A and Link B
are assembled in a continuous fashion, at twice the input data rate. Extracted timing
reference information is used to trigger a line counter which embeds the correct line
number according to SMPTE 425M.
The Level B/A conversion acts only on the active picture, ANC data can become corrupt
outside of this region. In order to ensure that the embedded ANC data remains valid, we
recommend extracting the ANC data with the receiver prior to the Level B/A conversion
taking place.
NOTE 1: If Level B/A conversion is enabled, previous 352M Payload ID packets are not
deleted from the data stream.
NOTE 2: When Level B/A conversion is enabled, timing reference information (FVH)
present on the STAT outputs is not phase-aligned with the output video data, and should
not be used for line or frame synchronization activities. Being that CEA 861 timing is
derived from (FVH) timing reference information, it too should not be used. During Level
B to Level A conversion, it is advised that the user generates the H and V timing signals
from the embedded TRS words.
NOTE 3: If the GS2970A sees a synchronous switch where the difference in phases
between two Level B inputs is greater than ~10.7
μs, the user may observe a missing H
pulse on the line following the switch line, when Level B/A conversion is enabled.
NOTE 4: Discontinuities in the line of video at the input of the Level B to A converter can
cause erroneous mapping to the Level A format. Therefore, when enabling B to A
conversion or enabling/disabling audio, it is recommended to reset the Level B to A
converter with the following sequence:


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com