Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 79 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 79 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 75Page - Semtech Corporation GS2970A Datasheet HTML 76Page - Semtech Corporation GS2970A Datasheet HTML 77Page - Semtech Corporation GS2970A Datasheet HTML 78Page - Semtech Corporation GS2970A Datasheet HTML 79Page - Semtech Corporation GS2970A Datasheet HTML 80Page - Semtech Corporation GS2970A Datasheet HTML 81Page - Semtech Corporation GS2970A Datasheet HTML 82Page - Semtech Corporation GS2970A Datasheet HTML 83Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 79 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
79 of 150
Figure 4-34:Ancillary Data Extraction - Step D
Toggling the ANC_DATA_SWITCH bit LOW returns the process to step A (Figure 4-31).
NOTE 1: Toggling the ANC_DATA_SWITCH must occur at a time when no extraction is
taking place, i.e. when the both the Y/1ANC and C/2ANC signals are LOW.
To turn extraction off, the ANC_DATA_EXT_MASK bit must be set HIGH.
In HD mode, the device can detect ancillary data packets in the Luma video data only,
Chroma video data only, or both. By default (at power-up or after a system reset) the
device extracts ancillary data packets from the luma channel only.
In 3G mode Level A, the device can detect ancillary data packets in Luma video (Data
Stream One) only, Chroma video (Data Stream Two) only, or both. By default (at
power-up or after a system reset) the device extracts ancillary data packets from Data
Stream One only.
In 3G mode Level B mode, the device can detect ancillary data packets in Luma video
only, Chroma video only, or both from either Link A or Link B. Selection of Link A or Link
B for ANC data extraction is done via the host interface. By default (at power-up or after
a system reset) the device extracts ancillary data packets from Link A Luma only.
To extract packets from the Chroma/Data Stream Two channel only, the HD_ANC_C2
bit of the host interface must be set HIGH. To extract packets from both Luma/Data
Stream One and Chroma/Data Stream Two video data, the HD_ANC_Y1_C2 bit must be
set HIGH (the setting of the HD_ANC_C2 bit is ignored).
The default setting of both the HD_ANC_C2 and HD_ANC_Y1_C2 is LOW. The setting of
these bits is ignored when the device is configured for SD video standards.
0
1023
Application Layer
Read Pointer
Internal Write
Pointer
Bank A
ANC_DATA_SWITCH= HIGH
0
1023
Bank B
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
ANCDATA
800h
800h
BFFh
BFFh


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com