Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 75 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 75 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 71Page - Semtech Corporation GS2970A Datasheet HTML 72Page - Semtech Corporation GS2970A Datasheet HTML 73Page - Semtech Corporation GS2970A Datasheet HTML 74Page - Semtech Corporation GS2970A Datasheet HTML 75Page - Semtech Corporation GS2970A Datasheet HTML 76Page - Semtech Corporation GS2970A Datasheet HTML 77Page - Semtech Corporation GS2970A Datasheet HTML 78Page - Semtech Corporation GS2970A Datasheet HTML 79Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 75 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
75 of 150
4.18.6 Illegal Word Re-mapping
All words within the active picture (outside the horizontal and vertical blanking
periods), between the values of 3FCh and 3FFh are re-mapped to 3FBh. All words within
the active picture area between the values of 000h and 003h are remapped to 004h.
This feature is enabled when the IOPROC_EN/DIS pin is HIGH and the
ILLEGAL_WORD_REMAP_DSX_MASK bit in the IOPROC_X register is set LOW.
4.18.7 TRS and Ancillary Data Preamble Remapping
8-bit TRS and ancillary data preambles are re-mapped to 10-bit values. 8-bit to 10-bit
mapping of TRS headers is only supported if the TRS values are 3FC 000 000. Other
values such as 3FD, 3FE, 3FF, 001, 002 and 003 are not supported. This feature is enabled
by default, and can be disabled via the IOPROC_X register.
4.18.8 Ancillary Data Extraction
Ancillary data may be extracted externally from the GS2970A output stream using the
Y/1ANC and C/2ANC signals, and external logic.
As an alternative, the GS2970A includes a FIFO, which extracts ancillary data using read
access via the host interface to ease system implementation. The FIFO stores up to 2048
x 16 bit words of ancillary data in two separate 1024 word memory banks.
Data is accessed from both memory banks using the same host interface addresses, 800h
to BFFh (see Table 4-30: ANC Extraction FIFO Access Registers).
The device writes the contents of ANC packets into the FIFO, starting with the first
Ancillary Data Flag (ADF), followed by up to 1024 words.
All Data Identification (DID), Secondary Data Identification (SDID), Data Count (DC),
user data, and checksum words are written into the device memory.
The device detects ancillary data packet DID's placed anywhere in the video data
stream, including the active picture area.
In HD and 3G mode, ancillary data from the Y channel or Data Stream One is placed in
the Least Significant Word (LSW) of the FIFO, allocated to the lower 8 bits of each FIFO
address.
Ancillary data from the C channel or Data Stream Two is placed in the Most Significant
Word (MSW) (upper 8 bits) of each FIFO address.
NOTE: Please refer to the ANC insertion and Extraction Application Note (Doc ID:
53410), for discrete steps and example of Ancillary data extraction using the GS2970A.
In SD mode, ancillary data is placed in the LSW of the FIFO. The MSW is set to zero.
If the ANC_TYPE registers are all set to zero, the device extracts all types of ancillary
data. If programmable ancillary data extraction is required, then up to five types of
ancillary data to be extracted can be programmed in the ANC_TYPE registers (see
Section 4.17.1).
Additionally, the lines from which the packets are to be extracted can be programmed
into the ANC_LINEA[10:0] and ANC_LINEB[10:0] registers, allowing ancillary data from
a maximum of two lines per frame to be extracted. If only one line number register is


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com