Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 72 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 72 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 68Page - Semtech Corporation GS2970A Datasheet HTML 69Page - Semtech Corporation GS2970A Datasheet HTML 70Page - Semtech Corporation GS2970A Datasheet HTML 71Page - Semtech Corporation GS2970A Datasheet HTML 72Page - Semtech Corporation GS2970A Datasheet HTML 73Page - Semtech Corporation GS2970A Datasheet HTML 74Page - Semtech Corporation GS2970A Datasheet HTML 75Page - Semtech Corporation GS2970A Datasheet HTML 76Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 72 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
72 of 150
When operating in SD mode, only the YCS_ERR bit is set HIGH when checksum errors
are detected.
4.17.3.1 Programmable Ancillary Data Checksum Calculation
As described above, the GS2970A calculates and compares checksum values for all
ancillary data types by default. It is possible to program which ancillary data types are
checked as described in Section 4.17.1.
When so programmed, the GS2970A only checks ancillary data checksums for the
specified data types, ignoring all other ancillary data.
The YCS_ERR and/or CCS_ERR bits in the VIDEO_ERROR_STAT_X register are only set
HIGH if an error condition is detected for the programmed ancillary data types.
4.17.4 Video Standard Error
If a mismatch between the received SMPTE 352M packets and the calculated video
standard occurs, the GS2970A indicates a video standard error by setting the
VD_STD_ERR bit of the VIDEO_ERROR_STAT_X register HIGH.
The device detects the SMPTE 352M Packet version as defined in the SMPTE 352M
standard. If the incoming packet is Version Zero, then no comparison is made with the
internally generated payload information and the VD_STD_ERR bit is not set HIGH.
NOTE 1: If the received SMPTE 352M packet indicates 25, 30 or 29.97PsF formats, the
device only indicates an error when the video format is actually progressive. The device
detects 24 and 23.98PsF video standards and perform error checking at these rates.
NOTE 2: The VD_STD_ERR bit should be ignored in all 3G modes.
NOTE 3: VD_STD_ERR_DS1 is set incorrectly for a 1920x1080/PsF/24 payload ID. To
resolve this issue, choose one of the two methods.
• Set the VD_STD_ERR_DS1 mask bit high in the ERROR_MASK_1 register to avoid
having incorrect assertion of the DATA_ERROR pin.
• Monitor the received SMPTE ST0352 packet in the VIDEO_FORMAT_352_A_1 and
VIDEO_FORMAT_352_B_1 registers and compare that to the video format
identified in the VD_STD_DS1 bits in the DATA_FORMAT_DS1 register. Then, make
the determination of whether or not there is a mismatch on their own.
4.18 Signal Processing
In addition to error detection and indication, the GS2970A can also correct errors,
inserting corrected code words, checksums and CRC values into the data stream.
The following processing can be performed by the GS2970A:
1. TRS error correction and insertion.
2. HD line based CRC correction and insertion.
3. EDH CRC error correction and insertion.
4. HD line number error correction and insertion.
5. Illegal code re-mapping.


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com