Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 71 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 71 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 67Page - Semtech Corporation GS2970A Datasheet HTML 68Page - Semtech Corporation GS2970A Datasheet HTML 69Page - Semtech Corporation GS2970A Datasheet HTML 70Page - Semtech Corporation GS2970A Datasheet HTML 71Page - Semtech Corporation GS2970A Datasheet HTML 72Page - Semtech Corporation GS2970A Datasheet HTML 73Page - Semtech Corporation GS2970A Datasheet HTML 74Page - Semtech Corporation GS2970A Datasheet HTML 75Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 71 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
71 of 150
4.17.2.2 3G SMPTE 352M Packets Following Level B to Level A Conversion
After Level B to Level A conversion, modified payload data must be programmed via the
host interface into the VIDEO_FORMAT_352_X_X registers and automatically inserted
by the GS2970A on the correct SMPTE 352M Line Number.
SMPTE 352M Packets are embedded in both data streams.
Previously embedded 352M packets may be deleted from one data stream only (using
the ANC_DATA_DELETE bit, see Section 4.18.8), but these packets are replaced with
10-bit Y/C blanking values.
NOTE: Pre-existing SMPTE 352M Packets that are not deleted are re-mapped to
different line numbers during conversion to Level A formatting. These packets should be
ignored by the system, since they are on non-standard SMPTE 352M lines.
4.17.3 Ancillary Data Checksum Error
The GS2970A calculates checksums for all received ancillary data.
These calculated checksums are compared with the received ancillary data checksum
words.
If a mismatch in the calculated and received checksums is detected, then a checksum
error is indicated.
When operating in HD mode, the device makes comparisons on both the Y and C
channels separately. If an error condition in the Y channel is detected, the YCS_ERR bit
in the VIDEO_ERROR_STAT_X register is set HIGH. If an error condition in the C channel
is detected, the CCS_ERR bit in the VIDEO_ERROR_STAT_X register is set HIGH.
When operating in 3G Level A mode, the device makes comparisons on both the Y (Data
Stream 1) and C (Data Stream 2) channels separately. If an error condition in the Y
channel is detected, the YCS_ERR bit in the VIDEO_ERROR_STAT_X register is set HIGH.
If an error condition in the C channel is detected, the CCS_ERR bit in the
VIDEO_ERROR_STAT_X register is set HIGH.
When operating in 3G Level B mode, the device makes comparisons on both the Y
channel and the C channel of both Link A and Link B.
Table 4-14:SMPTE 352M Packet Data
Bit Name
Bit
Name
Description
R/W
Default
VIDEO_FORMAT_4_DS1
Address: 01Ah
15-8
SMPTE 352M
Byte 4
Data is available in this register when Video Payload
Identification Packets are detected in the data
stream.
R0
VIDEO_FORMAT_3_DS1
Address: 01Ah
7-0
SMPTE 352M
Byte 3
R0
VIDEO_FORMAT_2_DS1
Address: 019h
15-8
SMPTE 352M
Byte 2
R0
VIDEO_FORMAT_2_DS1
Address: 019h
7-0
SMPTE 352M
Byte 1
R0


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com