Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 70 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 70 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 66Page - Semtech Corporation GS2970A Datasheet HTML 67Page - Semtech Corporation GS2970A Datasheet HTML 68Page - Semtech Corporation GS2970A Datasheet HTML 69Page - Semtech Corporation GS2970A Datasheet HTML 70Page - Semtech Corporation GS2970A Datasheet HTML 71Page - Semtech Corporation GS2970A Datasheet HTML 72Page - Semtech Corporation GS2970A Datasheet HTML 73Page - Semtech Corporation GS2970A Datasheet HTML 74Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 70 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
70 of 150
If both DID and SDID values are non-zero, then the received ancillary data type must
match both the DID and SDID before Y/1ANC and/or C/2ANC is set HIGH.
NOTE 1: For 3G Level B data, the ANC_TYPE_DS1 registers are valid for Data Stream 1,
and a second set of five ANC_TYPE registers (ANC_TYPE_DS2) is provided for detection
of specific ancillary data in Data Stream 2.
NOTE 2: SMPTE 352M Payload Identifier packets and Error Detection and Handling
(EDH) Packets are always detected by the GS2970A, irrespective of the settings of the
ANC_TYPE registers.
4.17.2 SMPTE 352M Payload Identifier
The GS2970A automatically extracts the SMPTE 352M payload identifier present in the
input data stream for SD, HD, and 3G Level A signals. The four word payload identifier
packets are written to VIDEO_FORMAT_X_DS1 and VIDEO_FORMAT_X_DS2 bits
accessible through the host interface.
The device also indicates the version of the payload packet in the VERSION_352M bit of
the DATA_FORMAT_DSX register. When the SMPTE 352M packet is formatted as a
“version 1” packet, the VERSION_352M bit is set HIGH, when the packet is formatted as
a “version 2” packet, this bit is set LOW.
The VIDEO_FORMAT_352_A_X and VIDEO_FORMAT_352_B_X registers are only
updated if there are no checksum errors in the received SMPTE 352M packets.
By default (at power up or after system reset), the VIDEO_FORMAT_X_DS1 and
VIDEO_FORMAT_X_DS2 bits are set to 0, indicating an undefined format.
NOTE 1: When 3G Level B data is detected by the device, the user needs to extract the
SMPTE 352M Payload Identifier packets by using the ANC packet extraction block - they
are not detected and extracted automatically. In this case:
• The VD_STD_ERR bit is not valid
• 352M extraction is only done on one data stream or the other, not both
simultaneously (Link A or Link B selected via the host interface)
• Previously embedded 352M packets can be deleted on one data stream only (using
the ANC_DATA_DELETE bit, see Section 4.18.8), but these packets are replaced with
10-bit Y/C blanking values only
• It is necessary to manually extract the SMPTE 352M data by programming the DID,
SDID and line number information into the ANC data extraction block
NOTE 2: SMPTE 352M packet regeneration is enabled by default for 3G Level B inputs,
and should be disabled through the host interface if Level B to Level A conversion is not
enabled.
4.17.2.1 SMPTE 352M Payload Identifier Usage
The SMPTE 352M Payload Identifier is used to confirm the video format identified by the
Automatic Video Standards Detection block (see Section 4.17.4).


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com