Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 69 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 69 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 65Page - Semtech Corporation GS2970A Datasheet HTML 66Page - Semtech Corporation GS2970A Datasheet HTML 67Page - Semtech Corporation GS2970A Datasheet HTML 68Page - Semtech Corporation GS2970A Datasheet HTML 69Page - Semtech Corporation GS2970A Datasheet HTML 70Page - Semtech Corporation GS2970A Datasheet HTML 71Page - Semtech Corporation GS2970A Datasheet HTML 72Page - Semtech Corporation GS2970A Datasheet HTML 73Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 69 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
69 of 150
Figure 4-30:Y/1ANC and C/2ANC Signal Timing
4.17.1 Programmable Ancillary Data Detection
As described above in Section 4.17, the GS2970A detects and indicates all ancillary data
types by default.
It is possible to program which ancillary data types are to be detected and indicated. Up
to five different ancillary data types may be programmed for detection by the GS2970A
in the ANC_TYPE_DS1 registers for SD, HD and 3G Level A data.
When so programmed, the GS2970A only indicates the presence of the specified
ancillary data types, ignoring all other ancillary data. For each data type to be detected,
the user must program the DID and/or SDID of that ancillary data type. In the case
where no DID or SDID values are programmed, the GS2970A indicates the presence of
all ancillary data. In the case where one or more, DID and/or SDID values have been
programmed, then only those matching data types are detected and indicated.
The timing of the Y/1ANC and C/2ANC signals in this case is as shown in Figure 4-30.
The GS2970A compares the received DID and/or SDID with the programmed values. If
a match is found, ancillary data is indicated.
For any DID or SDID value set to zero, no comparison or match is made. For example, if
the DID is programmed and the SDID is not programmed, the GS2970A only detects a
match to the DID value.
PC L K
LU M A D A T A O U T
CHRO M A DA T A O U T
Y/1A N C
C/2A N C
PC L K
LU M A D A T A O U T
Y/1A N C
PC L K
CHRO M A DA T A O U T
A NC DA T A DE T E CT IO N - H DT V 1 0 B IT OUT P U T M O DE
PC L K
M U LT IP LE X E D
Y 'Cb Cr
YC S U M
CCS UM
Y DID
CA NC
3F F
00 0
000
F
F
3
F
F
3
F
F
3
A N C DA T A DE T E CT IO N - H DT V 2 0 B IT O U T P UT M O DE
BL ANK
BL AN K
A NC DA T A
DC
DB N
DID
CS UM
A NC DA T A
CS UM
A NC DA T A
DC
DB N
DID
A NC DA T A
3F F
3FF
3F F
3FF
00 0
00 0
A NC DA T A DE T E CT IO N - S DT V 2 0 B IT O U T P UT M O DE
CS UM
BL AN K
A NC DA T A
A NC DA T A
DC
DID
A NC DA T A
BL A N K
BL AN K
A NC DA T A
A NC DA T A
AN C D A T A
DB N
A NC DA T A
3FF
BL AN K
00 0
3FF
A N C DA T A DE T E CT IO N - S D T V 1 0 B IT O U T P UT M O DE
CS UM
BL AN K
A NC DA T A
DC
DB N
DID
A NC DA T A
3F F
3F F
000
M U LT IP LE X E D
Y 'Cb Cr
Y/1A N C
Y/1A N C
C/2A N C
C/2A N C


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com