Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 68 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 68 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 64Page - Semtech Corporation GS2970A Datasheet HTML 65Page - Semtech Corporation GS2970A Datasheet HTML 66Page - Semtech Corporation GS2970A Datasheet HTML 67Page - Semtech Corporation GS2970A Datasheet HTML 68Page - Semtech Corporation GS2970A Datasheet HTML 69Page - Semtech Corporation GS2970A Datasheet HTML 70Page - Semtech Corporation GS2970A Datasheet HTML 71Page - Semtech Corporation GS2970A Datasheet HTML 72Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 68 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
68 of 150
For a 3G data stream formatted as per Level A mapping:
• The ancillary data is placed in Data Stream 1 first, with overflow into Data Stream 2
• SMPTE 352M packets are duplicated in both data streams
For a 3G data stream formatted as per Level B mapping:
• Each multiplexed data stream forming the 3G signal contains ancillary data
embedded according to SMPTE 291M
• Each multiplexed data stream forming the 3G signal contains SMPTE 352M packets
embedded according to SMPTE 425M
When operating in HD mode, the Y/1ANC signal is HIGH whenever ancillary data is
detected in the Luma data stream, and C/2ANC is HIGH whenever ancillary data is
detected in the Chroma data stream. The signals are asserted HIGH at the start of the
ancillary data preamble, and remain HIGH until after the ancillary data checksum.
When detecting ancillary data in 3G Level A data, the Y/1ANC status output is HIGH
whenever Data Stream 1 ancillary data is detected and the C/2ANC status output is
HIGH whenever Data Stream 2 ancillary data is detected.
When detecting ancillary data in 3G Level B data, the Y/1ANC status output is HIGH
whenever Data Stream 1 ancillary data is detected on either Y or C channels and the
C/2ANC status output is HIGH whenever Data Stream 2 ancillary data is detected on
either Y or C channels.
When operating in SD mode, the Y/1ANC and C/2ANC signals depend on the output
data format. For 20-bit demultiplexed data, the Y/1ANC and C/2ANC signals operate
independently to indicate the first and last ancillary Data Word position in the Luma
and/or Chroma data streams. For 10-bit multiplexed data, the Y/1ANC signal is HIGH
whenever ancillary data is detected, and the C/2ANC signal is always LOW.
When operating in 3G modes, the Y/1ANC and C/2ANC flags are both zero if the 10-bit
multiplexed output format is selected.
These status signal outputs are synchronous with PCLK and may be used as
clock-enables for external logic, or as write-enables for an external FIFO or other
memory devices.
The operation of the Y/1ANC and C/2ANC signals is shown below in Figure 4-30.
NOTE 2: When I/O processing is disabled, the Y/1ANC and C/2ANC flags may toggle,
but they are invalid and should be ignored.
NOTE 3: In 3G Level B mode, if the ANC_EXT_SEL_DS2_DS1 bit is HIGH and the
ANC_DATA_DELETE bit is HIGH, the Y/1ANC and C/2ANC flags are not valid.
NOTE 4: For 3G Level B data, the Y/1ANC flag identifies all ANC data on Data Stream 1
(Link A), whether it is embedded in the Y or C component – ANC data is not identified
separately for each component. Similarly, the C/2ANC flag identifies all ANC data on
Data Stream 2 (Link B), whether it is embedded in the Y or C component.


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com