Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 66 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 66 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 62Page - Semtech Corporation GS2970A Datasheet HTML 63Page - Semtech Corporation GS2970A Datasheet HTML 64Page - Semtech Corporation GS2970A Datasheet HTML 65Page - Semtech Corporation GS2970A Datasheet HTML 66Page - Semtech Corporation GS2970A Datasheet HTML 67Page - Semtech Corporation GS2970A Datasheet HTML 68Page - Semtech Corporation GS2970A Datasheet HTML 69Page - Semtech Corporation GS2970A Datasheet HTML 70Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 66 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
66 of 150
NOTE 1: See Section 4.19 for Audio Error Status.
NOTE 2: In 3G Level B mode, separate Video Error Mask registers exist for Link A and
Link B. The GS2970A distinguishes between Level A and Level B mappings at 3Gb/s.
When Level B data is detected, error detection is enabled separately for Data Stream 1
and Data Stream 2 (Link A and Link B, respectively). Therefore, a second set of error
status and mask registers is available for Data Stream 2, and is only valid when 3Gb/s
Level B data is detected by the device.
4.16.1 TRS Error Detection
TRS error flags are generated by the GS2970A under the following two conditions:
1. A phase shift in received TRS timing is observed on a non-switching line.
2. The received TRS Hamming codes are incorrect.
Both SAV and EAV TRS words are checked for timing and data integrity errors.
For HD mode, only the Y channel TRS codes are checked for errors.
For 3G mode Level A signals, only data stream one TRS codes are checked for errors. For
3G Level B signals, the Y channel TRS codes of both Link A and Link B are checked for
errors.
Both 8-bit and 10-bit TRS code words are checked for errors.
The SAV_ERR bit of the ERROR_STAT_X register is set HIGH when an SAV TRS error is
detected.
The EAV_ERR bit of the ERROR_STAT_X register is set HIGH when an EAV TRS error is
detected.
4.16.2 Line Based CRC Error Detection
The GS2970A calculates line based CRCs for HD and 3G video signals. CRC calculations
are done for each 10-bit channel (Y and C for HD video, DS1 and DS2 for 3G video).
These calculated CRC values are compared with the received CRC values.
If a mismatch in the calculated and received CRC values is detected for Y channel data
(Data Stream 1 for 3G video), the YCRC_ERR bit in the ERROR_STAT_X register is set
HIGH.
If a mismatch in the calculated and received CRC values is detected for C channel data
(Data Stream 2 for 3G video), the CCRC_ERR bit in the ERROR_STAT_X register is set
HIGH.
Y or C CRC errors are also generated if CRC values are not embedded.
FF_CRC_ERR (02h)
FF_CRC_ERR_MASK (037h)
VD_STD_ERR (02h, 03h)
VD_STD_ERR_MASK (037h)
Table 4-13:Error Status Register and Error Mask Register (Continued)
Video Error Status Register
Video Error Mask Register


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com