Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 65 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 65 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 61Page - Semtech Corporation GS2970A Datasheet HTML 62Page - Semtech Corporation GS2970A Datasheet HTML 63Page - Semtech Corporation GS2970A Datasheet HTML 64Page - Semtech Corporation GS2970A Datasheet HTML 65Page - Semtech Corporation GS2970A Datasheet HTML 66Page - Semtech Corporation GS2970A Datasheet HTML 67Page - Semtech Corporation GS2970A Datasheet HTML 68Page - Semtech Corporation GS2970A Datasheet HTML 69Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 65 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
65 of 150
Separate SD_AUDIO_ERROR_MASK and HD_AUDIO_ERROR_MASK registers for SD
and HD audio cores are also provided, allowing select error conditions to be reported.
Each bit of each ERROR_MASK register corresponds to a unique error type.
By default (at power up or after system reset), all bits of the ERROR_MASK registers are
zero, enabling all errors to be reported. Individual error detection may be disabled by
setting the corresponding bit HIGH in the mask registers.
Error conditions are indicated by a VIDEO _ERROR signal and an AUDIO_ERROR signal,
which are available for output on the multifunction I/O output pins. The two signals are
also combined into a summary DATA_ERROR signal, which is also available on the
multifunction I/O pins. These signals are normally HIGH, but are set LOW by the device
when an error condition has been detected.
These signals are a logical 'NOR' of the appropriate error status flags stored in the
ERROR_STAT_X register, which are gated by the bit settings in the ERROR_MASK
registers. When an error status bit is HIGH and the corresponding error mask bit is LOW,
the corresponding DATA_ERROR signal is set LOW by the device.
The ERROR_STAT_X registers, and correspondingly the DATA_ERROR, VIDEO_ERROR,
and AUDIO_ERROR signals, are cleared at the start of the next video field or when read
via the host interface, which ever condition occurs first. Note that any AUDIO_ERROR
condition will cause DATA_ERROR to assert. Use the SD_AUDIO_ERROR_MASK and
HD_AUDIO_ERROR_MASK registers if masking these events is desired.
All bits of the ERROR_STAT_X registers are also cleared under any of the following
conditions:
1. LOCKED signal = LOW.
2. SMPTE_BYPASS = LOW.
3. When a change in video standard has been detected.
4. RESET_TRST = LOW
Table 4-13 shows the ERROR_STAT_X register and ERROR_MASK_X register.
NOTE: Since the error indication registers are cleared once per field, if an external host
micro is polling the error registers periodically, an error flag may be missed if it is
intermittent, and the polling frequency is less than the field rate.
Table 4-13:Error Status Register and Error Mask Register
Video Error Status Register
Video Error Mask Register
SAV_ERR (02h, 03h)
SAV_ERR_MASK (037h, 038h)
EAV_ERR (02h, 03h)
EAV_ERR_MASK (037h, 038h)
YCRC_ERR (02h, 03h)
YCRC_ERR_MASK (037h, 038h)
CCRC_ERR (02h, 03h)
CCRC_ERR_MASK (037h, 038h)
LNUM_ERR (02h, 03h)
LNUM_ERR_MASK (037h, 038h)
YCS_ERR (02h, 03h)
YCS_ERR_MASK (037h, 038h)
CCS_ERR (02h, 03h)
CCS_ERR_MASK (037h, 038h)
AP_CRC_ERR (02h)
AP_CRC_ERR_MASK (037h)


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com