Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 62 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 62 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 58Page - Semtech Corporation GS2970A Datasheet HTML 59Page - Semtech Corporation GS2970A Datasheet HTML 60Page - Semtech Corporation GS2970A Datasheet HTML 61Page - Semtech Corporation GS2970A Datasheet HTML 62Page - Semtech Corporation GS2970A Datasheet HTML 63Page - Semtech Corporation GS2970A Datasheet HTML 64Page - Semtech Corporation GS2970A Datasheet HTML 65Page - Semtech Corporation GS2970A Datasheet HTML 66Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 62 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
62 of 150
By default (after power up or after systems reset), the four RASTER_STRUCTURE,
VD_STD, STD_LOCK and INT/PROG registers are set to zero. These registers are also
cleared when the SMPTE_BYPASS pin is LOW.
4.13.1 2K Support
In order to fully support 2K standards without customer intervention, Semtech provides
FPGA code for enhancing the GS2970A's 2K capability.
The features of the 2K FPGA enhancement are:
• Automatic video standard detection for 2K standards
• 1/1.001 rate detection for 2K standards
• CEA-861 timing generation for 2K standards
• Automatic enabling of audio extraction
This enhancement is an interface between the GS2970A and the customer system. The
behaviour of the GS2970A with or without the additional 2K enhancement FPGA code
is identical from a user-perspective.
Figure 4-29:2K Feature Enhancement
4.14 Data Format Detection & Indication
In addition to detecting the video standard, the GS2970A detects the data format, i.e.
SDTI, SDI, TDM data (SMPTE 346M), etc.
This information is represented by bits in the DATA_FORMAT_DSX register accessible
through the host interface.
Data format detection is only carried out when the LOCKED signal is HIGH.
GS2970A
Host
Interface
Control
PLL
÷2
÷1
GIb_MUX
0
1
GIb_Buf
Level_B
FPGA
Level_B
Vid_Out[19:0]
HVF[2:0]
WO_2K
STAT3
STAT4
STAT5
GS2970A_GSPI_SDI
GS2970A_GSPI_CS
GS2970A_GSPI_SCLK
GS2970A_GSPI_SDOUT
reset
Host_GSPI_CS
Host_GSPI_SCLK
Host_GSPI_SDI
Host_GSPI_SDOUT
Pclk
Pclk_div2
smpte_bypass_i
tim_861
clk_27M_ref
dy_in_i[9:0]
dc_in_i[9:0]
fvh_o[2:0]
Host_GSPI_busy
Level_B
rate_m_o
std_2K_det_o
dy_out_o[9:0]
dc_out_o[9:0]
fvh_i[2:0]


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com