Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 60 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 60 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 56Page - Semtech Corporation GS2970A Datasheet HTML 57Page - Semtech Corporation GS2970A Datasheet HTML 58Page - Semtech Corporation GS2970A Datasheet HTML 59Page - Semtech Corporation GS2970A Datasheet HTML 60Page - Semtech Corporation GS2970A Datasheet HTML 61Page - Semtech Corporation GS2970A Datasheet HTML 62Page - Semtech Corporation GS2970A Datasheet HTML 63Page - Semtech Corporation GS2970A Datasheet HTML 64Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 60 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
60 of 150
274M (HD)
1920x1080/60 (2:1) or
1920x1080/30 (PsF)
0
0
1125
1080
1920
2200
0Ah
1920x1080/50 (2:1) or
1920x1080/25 (PsF)
0
0
1125
1080
1920
2640
0Ch
1920x1080/30 (1:1)
0
0
1125
1080
1920
2200
0Bh
1920x1080/25 (1:1)
0
0
1125
1080
1920
2640
0Dh
1920x1080/24 (1:1)
0
0
1125
1080
1920
2750
10h
1920x1080/24 (PsF)
0
0
1125
1080
1920
2750
11h
1920x1080/25 (1:1) –
EM
0
0
1125
1080
2304
2640
0Eh
1920x1080/25 (PsF) –
EM
0
0
1125
1080
2304
2640
0Fh
1920x1080/24 (1:1) –
EM
0
0
1125
1080
2400
2750
12h
1920x1080/24 (PsF) –
EM
0
0
1125
1080
2400
2750
13h
296M (HD)
1280x720/30 (1:1) –
EM
0
0
750
720
1280
3300
02h
1280x720/30 (1:1) –
EM
0
0
750
720
2880
3300
03h
1280x720/50 (1:1)
0
0
750
720
1280
1980
04h
296M (HD)
1280x720/50 (1:1) –
EM
0
0
750
720
1728
1980
05h
1280x720/25 (1:1)
0
0
750
720
1280
396006h
1280x720/25 (1:1) –
EM
0
0
750
720
3456
3960
07h
1280x720/24 (1:1)
0
0
750
720
1280
4125
08h
1280x720/24 (1:1) –
EM
0
0
750
720
3600
4125
09h
1280x720/60 (1:1)
0
0
750
720
1280
1650
00h
1280x720/60 (1:1) –
EM
0
0
750
720
1440
1650
01h
125M (SD)
1440x487/60 (2:1)
x
1
525
244 or 243
1440
1716
16h
1440x507/60
x
1
525
254 or 253
1440
1716
17h
525-line 487 generic
x
1
525
−−
1716
19h
525-line 507 generic
x
1
525
−−
1716
1Bh
Table 4-11:Supported Video Standard Codes (Continued)
SMPTE
Standard
Active Video Area
RATE_
DET[1]
HD/3G
RATE_
DET[0]
SD/HD
Lines
per
Frame
Active
Lines per
Frame
Words
per
Active
Line
Words
per Line
VD_STD
[5:0]


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com