Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 58 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 58 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 54Page - Semtech Corporation GS2970A Datasheet HTML 55Page - Semtech Corporation GS2970A Datasheet HTML 56Page - Semtech Corporation GS2970A Datasheet HTML 57Page - Semtech Corporation GS2970A Datasheet HTML 58Page - Semtech Corporation GS2970A Datasheet HTML 59Page - Semtech Corporation GS2970A Datasheet HTML 60Page - Semtech Corporation GS2970A Datasheet HTML 61Page - Semtech Corporation GS2970A Datasheet HTML 62Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
58 of 150
Figure 4-27:H:V:DE Output Timing 1920 x 1080p @ 25 (Format 33)
Figure 4-28:H:V:DE Output Timing 1920 x 1080p @ 29.97/30 (Format 34)
4.13 Automatic Video Standards Detection
Using the timing extracted from the received TRS signals, the GS2970A is able to identify
the received video standard.
In 3G input mode, the GS2970A measures the timing parameters of one of the two
identical data streams. The Rate Selection/Indication bits and the VD_STD code may be
used in combination to determine the video standard.
The total samples per line, active samples per line, total lines per field/frame and active
lines per field/frame are all measured.
Four registers are provided to allow the system to read the video standard information
from the device. These raster structure registers are provided in addition to the
148 clocks
1920 Clocks for Active Video
720
Data
Enable
HSYNC
2640 Total Horizontal Clocks per line
44
528
VSYNC
1121 1122 1123 1124 1125
1
2
3
4
5
6
7
Data
Enable
HSYNC
Progressive Frame: 45 Vertical Blanking Lines
2640 clocks
528
1121 1122 1123 1124 1125
192
1080 Active Vertical Lines
41
42
148 clocks
1920 Clocks for Active Video
280
Data
Enable
HSYNC
2200 Total Horizontal Clocks per line
44
88
VSYNC
1121 1122 1123 1124 1125
1
2
3
4
5
6
7
Data
Enable
HSYNC
Progressive Frame: 45 Vertical Blanking Lines
2220 clocks
88
1121 1122 1123 1124 1125
192
1080 Active Vertical Lines
41
42


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com