Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 50 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 50 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 46Page - Semtech Corporation GS2970A Datasheet HTML 47Page - Semtech Corporation GS2970A Datasheet HTML 48Page - Semtech Corporation GS2970A Datasheet HTML 49Page - Semtech Corporation GS2970A Datasheet HTML 50Page - Semtech Corporation GS2970A Datasheet HTML 51Page - Semtech Corporation GS2970A Datasheet HTML 52Page - Semtech Corporation GS2970A Datasheet HTML 53Page - Semtech Corporation GS2970A Datasheet HTML 54Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
50 of 150
Figure 4-14:H:V:F Output Timing - HD 20-bit Output Mode
Figure 4-15:H:V:F Output Timing - HD 10-bit Output Mode
Figure 4-16:H:V:F Output Timing - SD 20-bit Output Mode
Figure 4-17:H:V:F Output Timing - SD 10-bit Output Mode
4.12.1 CEA-861 Timing Generation
The GS2970A is capable of generating CEA 861 timing instead of SMPTE HVF timing for
all of the supported video formats.
This mode is selected when the TIM_861 pin is HIGH.
Horizontal sync (HSYNC), Vertical sync (VSYNC), and Data Enable (DE) timing are
output on the STAT[2:0] pins by default.
Table 4-9 shows the CEA-861 formats supported by the GS2970A:
P C LK
L U M A D A T A IN P U T
C HR OM A DA T A IN P U T
H
X Y Z (EAV)
000
00 0
3F F
000
00 0
3F F
V
F
000
00 0
3FF
000
00 0
3FF
X Y Z (EAV)
X Y Z (SAV)
X Y Z (SAV)
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H
HV F T IM IN G AT S AV
000
00 0
3FF
3F F
00 0
000
P C LK
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
HV F T IM IN G AT EAV
P C LK
00 0
000
3FF
3F F
X Y Z (EAV)
000
00 0
M U L T IP L E XED Y'Cb C r D A T A IN P U T
H
V
F
X Y Z (EAV)
XY Z (SAV) X Y Z (SAV)
P C LK
C H R O M A D A T A IN PU T
LU M A D A T A IN P U T
H
000
3F F
X Y Z (EAV)
000
V
F
000
3FF
00 0
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H
X Y Z (SAV)
M U L T IP L E XE D Y'Cb C r D A T A INPUT
P C LK
H
V
F
X Y Z (EAV)
00 0
00 0
3F F
00 0
00 0
3F F
X Y Z (SAV)
H S IG NAL T IM IN G :
H_ C ONF IG = L O W
H _ C ONF IG = H IG H


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com