Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS2970A Datasheet(PDF) 45 Page - Semtech Corporation

Part # GS2970A
Description  3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
Download  150 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS2970A Datasheet(HTML) 45 Page - Semtech Corporation

Back Button GS2970A Datasheet HTML 41Page - Semtech Corporation GS2970A Datasheet HTML 42Page - Semtech Corporation GS2970A Datasheet HTML 43Page - Semtech Corporation GS2970A Datasheet HTML 44Page - Semtech Corporation GS2970A Datasheet HTML 45Page - Semtech Corporation GS2970A Datasheet HTML 46Page - Semtech Corporation GS2970A Datasheet HTML 47Page - Semtech Corporation GS2970A Datasheet HTML 48Page - Semtech Corporation GS2970A Datasheet HTML 49Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 150 page
background image
GS2970A 3Gb/s, HD, SD SDI Receiver
Data Sheet
54244 - 2
September 2012
45 of 150
4.10.2 Automatic Switch Line Lock Handling
The synchronous switch point is defined for all major video standards in SMPTE
RP168-2002. The device automatically re-synchronizes the word alignment block and
timing signal generator at the switch point, based on the detected video standard.
The device, as described in Section 4.10.1 and Figure 4-10 above, implements the
re-synchronization process automatically, every field/frame. The switch line is defined
as follows:
• For 525 line interlaced systems: resynchronization takes place at then end of lines 10 & 273
• For 525 line progressive systems: resynchronization takes place at then end of line 10
• For 625 line interlaced systems: resynchronization takes place at then end of lines 6 & 319
• For 625 line progressive systems: resynchronization takes place at then end of line 6
• For 750 line progressive systems: resynchronization takes place at then end of line 7
• For 1125 line interlaced systems: resynchronization takes place at then end of lines 7 & 568
• For 1125 line progressive systems: resynchronization takes place at then end of line 7
NOTE: Unless indicated by SMPTE 352M payload identifier packets, the GS2970A does
not distinguish between 1125-line progressive segmented-frame (PsF) video and
1125-line interlaced video operating at 25 or 30fps. However. PsF video operating at
24fps is detected by the device.
A full list of all major video standards and switching lines is shown in Table 4-7.
4.10.3 Switch Line Lock Handling During Level B to Level A Conversion
When 3G data is detected by the GS2970A, and Level B to Level A conversion is enabled,
the device only supports a limited phase offset between two synchronous video sources
if a synchronous switch is implemented.
If the synchronous switch point results in an “extended” active video period, the
GS2970A only re-synchronizes to the following TRS ID if the phase difference between
the two sources is less than or equal to 10
μs. If the phase difference is greater than 10μs,
the GS2970A takes one additional line to re-synchronize. In this case, the user may
observe a missing H pulse on the line following the switch line, on the H timing output.
Note that this 10
μs constraint is only valid when Level B to Level A conversion is
enabled, and only when the synchronous switch point results in an extended active
video area.


Similar Part No. - GS2970A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS2970A GENNUM-GS2970A Datasheet
4Mb / 150P
   Integrated audio clock generator
More results

Similar Description - GS2970A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS2970 SEMTECH-GS2970 Datasheet
10Mb / 145P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS2960 SEMTECH-GS2960 Datasheet
7Mb / 97P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
GS1670 SEMTECH-GS1670 Datasheet
3Mb / 126P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1670A SEMTECH-GS1670A Datasheet
9Mb / 130P
   HD/SD SDI Receiver Complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com