Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661A Datasheet(PDF) 10 Page - Semtech Corporation

Part # GS1661A
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661A Datasheet(HTML) 10 Page - Semtech Corporation

Back Button GS1661A Datasheet HTML 6Page - Semtech Corporation GS1661A Datasheet HTML 7Page - Semtech Corporation GS1661A Datasheet HTML 8Page - Semtech Corporation GS1661A Datasheet HTML 9Page - Semtech Corporation GS1661A Datasheet HTML 10Page - Semtech Corporation GS1661A Datasheet HTML 11Page - Semtech Corporation GS1661A Datasheet HTML 12Page - Semtech Corporation GS1661A Datasheet HTML 13Page - Semtech Corporation GS1661A Datasheet HTML 14Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 85 page
background image
GS1661A HD/SD SDI Receiver
Data Sheet
54387 - 2
September 2012
10 of 85
E7
SDOUT_TDO
Output
COMMUNICATION SIGNAL OUTPUT
Please refer to the Output Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data output/test data out.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test
results from the device.
In host interface mode, this pin is used to read status and
configuration data from the device.
Note: GSPI is slightly different than the SPI. For more details on GSPI,
please refer to 4.18 GSPI - HOST Interface.
E8
SDIN_TDI
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
GSPI serial data in/test data in.
In JTAG mode (JTAG/HOST = HIGH), this pin is used to shift test data
into the device.
In host interface mode, this pin is used to write address and
configuration data words into the device.
F1, G1AGCP, AGCNAutomatic Gain Control for the equalizer. Attach the AGC capacitor
between these pins.
F7
CS_TMS
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Chip select / test mode start.
In JTAG mode (JTAG/HOST = HIGH), this pin is Test Mode Start, used
to control the operation of the JTAG test.
In host interface mode (JTAG/HOST = LOW), this pin operates as the
host interface chip select and is active LOW.
F8
SCLK_TCK
Input
COMMUNICATION SIGNAL INPUT
Please refer to the Input Logic parameters in the DC Electrical
Characteristics table for logic level threshold and compatibility.
Serial data clock signal.
In JTAG mode (JTAG/HOST = HIGH), this pin is the JTAG clock.
In host interface mode (JTAG/HOST = LOW), this pin is the host
interface serial bit clock.
All JTAG/host interface addresses and data are shifted into/out of
the device synchronously with this clock.
Table 1-1: Pin Descriptions (Continued)
Pin
Number
Name
Timing
Type
Description


Similar Part No. - GS1661A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
Ancillary data extraction
More results

Similar Description - GS1661A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com