Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661A Datasheet(PDF) 56 Page - Semtech Corporation

Part # GS1661A
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661A Datasheet(HTML) 56 Page - Semtech Corporation

Back Button GS1661A Datasheet HTML 52Page - Semtech Corporation GS1661A Datasheet HTML 53Page - Semtech Corporation GS1661A Datasheet HTML 54Page - Semtech Corporation GS1661A Datasheet HTML 55Page - Semtech Corporation GS1661A Datasheet HTML 56Page - Semtech Corporation GS1661A Datasheet HTML 57Page - Semtech Corporation GS1661A Datasheet HTML 58Page - Semtech Corporation GS1661A Datasheet HTML 59Page - Semtech Corporation GS1661A Datasheet HTML 60Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 85 page
background image
GS1661A HD/SD SDI Receiver
Data Sheet
54387 - 2
September 2012
56 of 85
4.16.1 Programmable Ancillary Data Detection
As described above in Section 4.16, the GS1661A detects and indicates all ancillary data
types by default.
It is possible to program which ancillary data types are to be detected and indicated. Up
to five different ancillary data types may be programmed for detection by the GS1661A
in the ANC_TYPE_DS1 registers for SD and HD data.
When so programmed, the GS1661A only indicates the presence of the specified
ancillary data types, ignoring all other ancillary data. For each data type to be detected,
the user must program the DID and/or SDID of that ancillary data type. In the case
where no DID or SDID values are programmed, the GS1661A indicates the presence of
all ancillary data. In the case where one or more, DID and/or SDID values have been
programmed, then only those matching data types are detected and indicated.
The timing of the Y/1ANC and C/2ANC signals in this case is as shown in Figure 4-22.
The GS1661A compares the received DID and/or SDID with the programmed values. If
a match is found, ancillary data is indicated.
For any DID or SDID value set to zero, no comparison or match is made. For example, if
the DID is programmed and the SDID is not programmed, the GS1661A only detects a
match to the DID value.
If both DID and SDID values are non-zero, then the received ancillary data type must
match both the DID and SDID before Y/1ANC and/or C/2ANC is set HIGH.
NOTE: SMPTE 352M Payload Identifier packets and Error Detection and Handling
(EDH) Packets are always detected by the GS1661A, irrespective of the settings of the
ANC_TYPE registers.
4.16.2 SMPTE 352M Payload Identifier
The GS1661A automatically extracts the SMPTE 352M payload identifier present in the
input data stream for SD and HD signals. The four word payload identifier packets are
written to VIDEO_FORMAT_X_DS1 and VIDEO_FORMAT_X_DS2 bits accessible
through the host interface.
The device also indicates the version of the payload packet in the VERSION_352M bit of
the DATA_FORMAT_DSX register. When the SMPTE 352M packet is formatted as a
“version 1” packet, the VERSION_352M bit is set HIGH, when the packet is formatted as
a “version 2” packet, this bit is set LOW.
The VIDEO_FORMAT_352_A_X and VIDEO_FORMAT_352_B_X registers are only
updated if there are no checksum errors in the received SMPTE 352M packets.
By default (at power up or after system reset), the VIDEO_FORMAT_X_DS1 and
VIDEO_FORMAT_X_DS2 bits are set to 0, indicating an undefined format.
4.16.2.1 SMPTE 352M Payload Identifier Usage
The SMPTE 352M Payload Identifier is used to confirm the video format identified by the
Automatic Video Standards Detection block (see Section 4.16.4)


Similar Part No. - GS1661A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
More results

Similar Description - GS1661A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com