Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661A Datasheet(PDF) 54 Page - Semtech Corporation

Part # GS1661A
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661A Datasheet(HTML) 54 Page - Semtech Corporation

Back Button GS1661A Datasheet HTML 50Page - Semtech Corporation GS1661A Datasheet HTML 51Page - Semtech Corporation GS1661A Datasheet HTML 52Page - Semtech Corporation GS1661A Datasheet HTML 53Page - Semtech Corporation GS1661A Datasheet HTML 54Page - Semtech Corporation GS1661A Datasheet HTML 55Page - Semtech Corporation GS1661A Datasheet HTML 56Page - Semtech Corporation GS1661A Datasheet HTML 57Page - Semtech Corporation GS1661A Datasheet HTML 58Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 85 page
background image
GS1661A HD/SD SDI Receiver
Data Sheet
54387 - 2
September 2012
54 of 85
If a mismatch in the calculated and received CRC values is detected for Y channel data,
the YCRC_ERR bit in the ERROR_STAT_X register is set HIGH.
If a mismatch in the calculated and received CRC values is detected for C channel data,
the CCRC_ERR bit in the ERROR_STAT_X register is set HIGH.
Y or C CRC errors are also generated if CRC values are not embedded.
Line based CRC errors are only generated when the device is operating in HD mode.
NOTE: By default, 8-bit to 10-bit TRS remapping is enabled. If an 8-bit input is used, the
HD CRC check is based on the 10-bit remapped value, not the 8-bit value, so the CRC
Error Flag is incorrectly asserted and should be ignored. If 8-bit to 10-bit remapping is
enabled, then CRC correction and insertion should be enabled by setting the
CRC_INS_MASK bit in the IOPROC_DISABLE register LOW. This ensures that the CRC
values are updated.
4.15.3 EDH CRC Error Detection
The GS1661A also calculates Full Field (FF) and Active Picture (AP) CRC's according to
SMPTE RP165 in support of Error Detection and Handling packets in SD signals.
These calculated CRC values are compared with the received CRC values.
Error flags for AP and FF CRC errors are provided and each error flag is a logical OR of
field 1 and field 2 error conditions.
The AP_CRC_ERR bit in the VIDEO_ERROR_STAT_X register is set HIGH when an Active
Picture CRC mismatch has been detected in field 1 or 2.
The FF_CRC_ERR bit in the VIDEO_ERROR_STAT_X register is set HIGH when a Full
Field CRC mismatch has been detected in field 1 or 2.
EDH CRC errors are only indicated when the device is operating in SD mode and when
the device has correctly received EDH packets.
4.15.4 HD Line Number Error Detection
If a mismatch in the calculated and received line numbers is detected, the LNUM_ERR
bit in the VIDEO_ERROR_STAT_X register is set HIGH.
4.16 Ancillary Data Detection & Indication
The GS1661A detects ancillary data in both the vertical and horizontal ancillary data
spaces. Status signal outputs Y/1ANC and C/2ANC are provided to indicate the position
of ancillary data in the output data streams. These signals may be selected for output on
the multi-function I/O port pins (STAT[5:0]).
The GS1661A indicates the presence of all types of ancillary data by detecting the 000h,
3FFh, 3FFh (00h, FFh, FFh for 8-bit video) ancillary data preamble.
NOTE: Both 8 and 10-bit ancillary data preambles are detected by the device.
By default (at power up or after system reset) the GS1661A indicates all types of
ancillary data. Up to 5 types of ancillary data can be specifically programmed for
recognition.


Similar Part No. - GS1661A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
More results

Similar Description - GS1661A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com