Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

GS1661A Datasheet(PDF) 53 Page - Semtech Corporation

Part # GS1661A
Description  HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
Download  85 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMTECH [Semtech Corporation]
Direct Link  http://www.semtech.com
Logo SEMTECH - Semtech Corporation

GS1661A Datasheet(HTML) 53 Page - Semtech Corporation

Back Button GS1661A Datasheet HTML 49Page - Semtech Corporation GS1661A Datasheet HTML 50Page - Semtech Corporation GS1661A Datasheet HTML 51Page - Semtech Corporation GS1661A Datasheet HTML 52Page - Semtech Corporation GS1661A Datasheet HTML 53Page - Semtech Corporation GS1661A Datasheet HTML 54Page - Semtech Corporation GS1661A Datasheet HTML 55Page - Semtech Corporation GS1661A Datasheet HTML 56Page - Semtech Corporation GS1661A Datasheet HTML 57Page - Semtech Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 53 / 85 page
background image
GS1661A HD/SD SDI Receiver
Data Sheet
54387 - 2
September 2012
53 of 85
2. SMPTE_BYPASS = LOW.
3. When a change in video standard has been detected.
4. RESET_TRST = LOW
Table 4-13 shows the ERROR_STAT_X register and ERROR_MASK_X register.
NOTE: Since the error indication registers are cleared once per field, if an external host
micro is polling the error registers periodically, an error flag may be missed if it is
intermittent, and the polling frequency is less than the field rate.
4.15.1 TRS Error Detection
TRS error flags are generated by the GS1661A under the following two conditions:
1. A phase shift in received TRS timing is observed on a non-switching line.
2. The received TRS Hamming codes are incorrect.
Both SAV and EAV TRS words are checked for timing and data integrity errors.
For HD mode, only the Y channel TRS codes are checked for errors.
Both 8-bit and 10-bit TRS code words are checked for errors.
The SAV_ERR bit of the ERROR_STAT_X register is set HIGH when an SAV TRS error is
detected.
The EAV_ERR bit of the ERROR_STAT_X register is set HIGH when an EAV TRS error is
detected.
4.15.2 Line Based CRC Error Detection
The GS1661A calculates line based CRCs for HD video signals. CRC calculations are
done for each 10-bit channel (Y and C for HD video).
These calculated CRC values are compared with the received CRC values.
Table 4-13: Error Status Register and Error Mask Register
Video Error Status Register
Video Error Mask Register
SAV_ERR (02h, 03h)
SAV_ERR_MASK (037h, 038h)
EAV_ERR (02h, 03h)
EAV_ERR_MASK (037h, 038h)
YCRC_ERR (02h, 03h)
YCRC_ERR_MASK (037h, 038h)
CCRC_ERR (02h, 03h)
CCRC_ERR_MASK (037h, 038h)
LNUM_ERR (02h, 03h)
LNUM_ERR_MASK (037h, 038h)
YCS_ERR (02h, 03h)
YCS_ERR_MASK (037h, 038h)
CCS_ERR (02h, 03h)
CCS_ERR_MASK (037h, 038h)
AP_CRC_ERR (02h)
AP_CRC_ERR_MASK (037h)
FF_CRC_ERR (02h)
FF_CRC_ERR_MASK (037h)
VD_STD_ERR (02h, 03h)
VD_STD_ERR_MASK (037h)


Similar Part No. - GS1661A

ManufacturerPart #DatasheetDescription
logo
Gennum Corporation
GS1661A GENNUM-GS1661A Datasheet
6Mb / 85P
   Ancillary data extraction
More results

Similar Description - GS1661A

ManufacturerPart #DatasheetDescription
logo
Semtech Corporation
GS1661 SEMTECH-GS1661 Datasheet
6Mb / 84P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Gennum Corporation
GS2961 GENNUM-GS2961 Datasheet
3Mb / 104P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Video Processing
logo
Semtech Corporation
GS1671 SEMTECH-GS1671 Datasheet
9Mb / 130P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1671A SEMTECH-GS1671A Datasheet
9Mb / 136P
   HD/SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660A SEMTECH-GS1660A Datasheet
6Mb / 83P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2971 SEMTECH-GS2971 Datasheet
10Mb / 148P
   3Gb/s, HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer complete with SMPTE Audio and Video Processing
GS1660 SEMTECH-GS1660 Datasheet
6Mb / 82P
   HD/SD SDI Receiver Complete with SMPTE Video Processing
GS2961A SEMTECH-GS2961A Datasheet
7Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2961 SEMTECH-GS2961 Datasheet
3Mb / 104P
   HD, SD SDI Receiver, with Integrated Adaptive Cable Equalizer
GS2960A SEMTECH-GS2960A Datasheet
7Mb / 99P
   3Gb/s, HD, SD SDI Receiver Complete with SMPTE Video Processing
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com