Electronic Components Datasheet Search |
|
TPS61100 Datasheet(PDF) 1 Page - Texas Instruments |
|
|
TPS61100 Datasheet(HTML) 1 Page - Texas Instruments |
1 / 35 page (6,6 mm x 6,4 mm) (4,15 mm x 4,15 mm) www.ti.com FEATURES APPLICATIONS TYPICAL APPLICATION OFF ON OFF ON OFF ON OFF ON OFF ON VBAT LBI SKIPEN ADEN EN ENPB LDOEN SWN VOUT FB PGOOD LBO1 LBO2 LDOIN LDOOUT LDOSENSE GND PGND Control Inputs Control Outputs VCC1 VCC2 TPS61100 Battery TPS61100, TPS61103 TPS61106, TPS61107 SLVS411B – JUNE 2002 – REVISED APRIL 2004 DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER • Low EMI-Converter (Integrated Antiringing Switch) • Synchronous 95% Efficient Boost Converter • Load Disconnect During Shutdown • Integrated 120 mA LDO for Second Output • Auto Discharge Allows the Device to Voltage Discharge Output Capacitor During Shutdown • TSSOP-20 and QFN-24 Package • Overtemperature Protection • 65 µA (Typ) Total Device Quiescent Current • EVM Available (TPS6110XEVM-216) • 0.8 V to 3.3 V Input Voltage Range • Adjustable Output Voltage up to 5.5 V and Fixed Output Voltage Options • All Single or Dual Cell Battery Operated Products Which Use Two System Voltages • Power-Save Mode for Improved Efficiency at Like DSP C5X Applications Low Output Power • Internet Audio Player, PDAs, Digital Still • Battery Supervision Cameras and Other Portable Equipment • Power Good Output • Pushbutton Function for Start-Up Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet. PRODUCTION DATA information is current as of publication date. Copyright © 2002–2004, Texas Instruments Incorporated Products conform to specifications per the terms of the Texas Instruments standard warranty. Production processing does not necessarily include testing of all parameters. Not Recommended for New Designs |
Similar Part No. - TPS61100_15 |
|
Similar Description - TPS61100_15 |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.COM |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Datasheet Upload | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |