Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61100 Datasheet(PDF) 6 Page - Texas Instruments

Part # TPS61100
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61100 Datasheet(HTML) 6 Page - Texas Instruments

Back Button TPS61100_15 Datasheet HTML 2Page - Texas Instruments TPS61100_15 Datasheet HTML 3Page - Texas Instruments TPS61100_15 Datasheet HTML 4Page - Texas Instruments TPS61100_15 Datasheet HTML 5Page - Texas Instruments TPS61100_15 Datasheet HTML 6Page - Texas Instruments TPS61100_15 Datasheet HTML 7Page - Texas Instruments TPS61100_15 Datasheet HTML 8Page - Texas Instruments TPS61100_15 Datasheet HTML 9Page - Texas Instruments TPS61100_15 Datasheet HTML 10Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 35 page
background image
www.ti.com
POWER SAVE MODE
AUTO DISCHARGE
LOW BATTERY DETECTOR CIRCUIT—LBI/LBO
LOW-EMI SWITCH
LDO
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
DETAILED DESCRIPTION (continued)
The SKIPEN pin can be used to select different operation modes. To enable power save, SKIPEN must be set
high. Power save mode is used to improve efficiency at light load. In power save mode the converter only
operates when the output voltage trips below a set threshold voltage. It ramps up the output voltage with one or
several pulses and goes again into power save mode once the output voltage exceeds the set threshold voltage.
This power save mode can be disabled by setting the SKIPEN to GND.
The auto discharge function is needed in applications where the supply voltage of a microcontroller,
microprocessor or memory has to be removed during shutdown in order to make sure that the system quickly
goes in a defined state. The auto discharge function is enabled when the ADEN is set high. It is disabled when
the ADEN is set to GND. When the auto discharge function is enabled, the output capacitor is discharged after
the device is programmed in the shutdown mode. The output capacitor is discharged by an integrated switch of
400
Ω, hence the discharge time depends on the size of the output capacitor.
The low-battery detector circuit is typically used to supervise the battery voltage and to generate an error flag
when the battery voltage drops below a user-set threshold voltage. The function is active only when the device is
enabled. When the device is disabled, both LBO-pin are high-impedance. There are three programmed
thresholds, 400 mV, 450 mV, and 500 mV. The outputs on LBO1 and LBO2 are shown as follows:
LBI INPUT
LBO1
LBO2
(mV)
0-400
0
0
400-450
1
0
450-500
0
1
500-VBAT
1
1
1 means that the output stays at high-impedance and 0 means that the output goes active low. If there is only
one LBO output needed, both outputs can be tied together. Then the switching threshold is at 500 mV at LBI.
The battery voltage, at which the detection circuit switches, can be programmed with a resistive divider
connected to the LBI-pin. The resistive divider scales down the battery voltage to a voltage level of 400 mV
(450 mV, 500 mV), which is then compared to the LBI threshold voltage. The LBI-pin has a built-in hysteresis of
10 mV. See the application section for more details about the programming of the LBI-threshold. If the
low-battery detection circuit is not used, the LBI-pin should be connected to GND (or to VBAT) and the LBO-pin
can be left unconnected. Do not let the LBI-pin float.
The device integrates a circuit that removes the ringing that typically appears on the SW-node when the
converter enters discontinuous current mode. In this case, the current through the inductor ramps to zero and the
rectifying PMOS switch is turned off to prevent a reverse current flowing from the output capacitors back to the
battery. Due to the remaining energy that is stored in parasitic components of the semiconductor and the
inductor, a ringing on the SW-pin is induced. The integrated antiringing switch clamps this voltage to VBAT and
therefore dampens ringing.
The built-in LDO can be used to generate a second output voltage derived from the dc/dc converter output, from
the battery, or from another power source like an ac adapter or a USB power rail. The LDOSENSE input must be
connected to LDOOUT at fixed output voltage versions.
6
Not Recommended for New Designs


Similar Part No. - TPS61100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100PW TI-TPS61100PW Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100RGE TI-TPS61100RGE Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS61100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com