Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61100 Datasheet(PDF) 24 Page - Texas Instruments

Part # TPS61100
Description  DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61100 Datasheet(HTML) 24 Page - Texas Instruments

Back Button TPS61100_15 Datasheet HTML 20Page - Texas Instruments TPS61100_15 Datasheet HTML 21Page - Texas Instruments TPS61100_15 Datasheet HTML 22Page - Texas Instruments TPS61100_15 Datasheet HTML 23Page - Texas Instruments TPS61100_15 Datasheet HTML 24Page - Texas Instruments TPS61100_15 Datasheet HTML 25Page - Texas Instruments TPS61100_15 Datasheet HTML 26Page - Texas Instruments TPS61100_15 Datasheet HTML 27Page - Texas Instruments TPS61100_15 Datasheet HTML 28Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 35 page
background image
www.ti.com
SWN
C3
10
µF
L1
10
µH
R1
R2
VBAT
VOUT
LDOIN
LDOSENSE
LDOOUT
R7
R8
R9
C6
2.2
µF
C4
100
µF
U1
LBO1
LBO2
PGOOD
PGND
LBI
SKIPEN
ADEN
EN
ENPB
LDOEN
GND
TPS61106
List of Components:
U1 = TPS61106
L1 = SUMIDA 5D18–100
C3, C5, C6 = X7R/X5R Ceramic
C4 = Low ESR Tantalum
3.3 V
C5
2.2
µF
1.5 V
LBO1
LBO2
R10
SWN
C3
10
µF
USB-Input
4.2 V – 5.5 V
L1
10
µH
R1
R2
VBAT
VOUT
FB
R3 1 M
R6
180 k
LDOIN
R5 1.022 M
R4
180 k
LDOSENSE
LDOOUT
R7
R8
R9
C6
2.2
µF
C4
100
µF
U1
LBO1
LBO2
PGOOD
PGND
LBI
SYNC
ADEN
EN
ENPB
LDOEN
GND
TPS61100
VCC
3.3 V System
Supply
Control
Outputs
R10
680 k
R11
1 M
R12
180 k
D2
D1
List of Components:
U1 = TPS61100
L1 = SUMIDA CDRH73–100
C3, C6 = X7R/X5R Ceramic
C4 = Low ESR Tantalum
D1 = ON-Semiconductor MBR0520
TPS61100, TPS61103
TPS61106, TPS61107
SLVS411B – JUNE 2002 – REVISED APRIL 2004
Figure 34. Simple Solution Using a Pushbutton for Start-Up
Figure 35. Dual Input Power Supply
24
Not Recommended for New Designs


Similar Part No. - TPS61100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100PW TI-TPS61100PW Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61100RGE TI-TPS61100RGE Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
More results

Similar Description - TPS61100_15

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61100 TI-TPS61100 Datasheet
507Kb / 28P
[Old version datasheet]   DUAL-OUTPUT, SINGLE-CELL BOOST CONVERTER
TPS61000 TI1-TPS61000_15 Datasheet
600Kb / 25P
[Old version datasheet]   Single- and Dual-Cell Boost Converter
logo
Vishay Siliconix
SIP12502 VISHAY-SIP12502 Datasheet
268Kb / 11P
   500 mA - Fixed Output Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
SIP12503 VISHAY-SIP12503 Datasheet
232Kb / 11P
   500-mA - Adjustable Boost Converter for Single or Dual Cell
Rev. B, 03-Aug-09
logo
Analog Microelectronics
AME5172 AME-AME5172 Datasheet
108Kb / 12P
   0.85V Single Cell Boost DC-DC Converter
logo
Texas Instruments
TPS61007 TI-TPS61007 Datasheet
393Kb / 22P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
TPS61000 TI1-TPS61000_12 Datasheet
997Kb / 26P
[Old version datasheet]   SINGLE- AND DUAL-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Richtek Technology Corp...
RT4832A RICHTEK-RT4832A Datasheet
1Mb / 26P
   Sub PMIC with Dual-Output Boost Converter
logo
Texas Instruments
TPS61000 TI-TPS61000 Datasheet
389Kb / 22P
[Old version datasheet]   SINGLE-CELL BOOST CONVERTER WITH START-UP INTO FULL LOAD
logo
Fitipower Integrated Te...
FP6711 FITIPOWER-FP6711 Datasheet
678Kb / 13P
   High-Efficiency, 1-Cell and 2-Cell Boost Converter
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com