Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61097A-33 Datasheet(PDF) 13 Page - Texas Instruments

Part # TPS61097A-33
Description  TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61097A-33 Datasheet(HTML) 13 Page - Texas Instruments

Back Button TPS61097A-33_16 Datasheet HTML 9Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 10Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 11Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 12Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 13Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 14Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 15Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 16Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
´
´
´
IN
OUT
IN
OUT
V
(V
- V )
1
L =
f 200 mA
V
TPS61097A-33
www.ti.com
SLVSCF2A – JANUARY 2014 – REVISED DECEMBER 2014
Application Information (continued)
9.1.3 Thermal Considerations
Implementation of integrated circuits in low-profile and fine-pitch surface-mount packages typically requires
special attention to power dissipation. Many system-dependent issues such as thermal coupling, airflow, added
heat sinks and convection surfaces, and the presence of other heat-generating components affect the power-
dissipation limits of a given component.
Three basic approaches for enhancing thermal performance are listed below.
Improving the power dissipation capability of the PCB design
Improving the thermal coupling of the component to the PCB
Introducing airflow in the system
The maximum recommended junction temperature (TJ) of the TPS61097A-33 devices is 125°C. Specified
regulator operation is assured to a maximum ambient temperature TA of 85°C. Therefore, the maximum power
dissipation is about 191.7 mW. More power can be dissipated if the maximum ambient temperature of the
application is lower.
9.2 Typical Application
Figure 19. Typical Application Schematic
9.2.1 Design Requirements
DESIGN PARAMETERS
EXAMPLE VALUE
Input Voltage (VIN)
1.2 V to 1.8 V
Output Voltage (VOUT)
3.3 V
Output Current (IOUT)
10 mA
9.2.2 Detailed Design Procedure
9.2.2.1 Inductor Selection
To make sure that the TPS61097A-33 devices can operate, a suitable inductor must be connected between pin
VIN and pin L. Inductor values of 4.7
μH show good performance over the whole input and output voltage range .
Choosing other inductance values affects the switching frequency f proportional to 1/L as shown in Equation 1.
(1)
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
13


Similar Part No. - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results

Similar Description - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com