Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61097A-33 Datasheet(PDF) 12 Page - Texas Instruments

Part # TPS61097A-33
Description  TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61097A-33 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TPS61097A-33_16 Datasheet HTML 8Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 9Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 10Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 11Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 12Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 13Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 14Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 15Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 24 page
background image
TPS61097A
VIN
L
VOUT
GND
EN
TPS22920L
VIN
VOUT
EN
L1
C2
C1
V
+3.3V
OUT
GND
R1
R2
V
0.9V to 3.3V
IN
TPS61097A-33
V
0.9 V to 3.3V
IN
VOUT
EN
L
GND
VIN
L1
R2
R1
C1
C2
V
+3.3V
OUT
TPS61097A-33
SLVSCF2A – JANUARY 2014 – REVISED DECEMBER 2014
www.ti.com
9 Application and Implementation
NOTE
Information in the following applications sections is not part of the TI component
specification, and TI does not warrant its accuracy or completeness. TI’s customers are
responsible for determining suitability of components for their purposes. Customers should
validate and test their design implementation to confirm system functionality.
9.1 Application Information
9.1.1 Adjustable Bypass Switching
The EN pin can be set up as a low voltage control for the bypass switch. By setting the desired ratio of R1 and
R2, the TPS61097A-33 can be set to switch on the bypass at a defined voltage level on VIN. For example,
setting R1 and R2 to 200 K
Ω would set VEN to half of VIN. The voltage level of VIN engaging the bypass switch
is based on the VIL level of EN (0.58 V). If VIN is less than 1.16 V then the bypass switch will be enabled. For
VIN values above 1.56 V (50% of VIH) the bypass switch is disabled.
Figure 17. Adjustable Bypass Switching
9.1.2 Managing Inrush Current
Upon startup, the output capacitor of the boost converter can act as a virtual short circuit. The amount of inrush
current is dependent on the rate of increase of the input voltage, the inductance used with the converter, the
output capacitance and the parasitic circuit resistance. One method to reduce the inrush current is to use a load
switch with controlled turn-on. Texas Instruments has a large offering of controlled slew rate load switches which
can be found at www.ti.com/loadswitches. Below is an example circuit that has a load switch with controlled turn-
on.
Figure 18. Example Circuit with Load Switch
12
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results

Similar Description - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com