Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61097A-33 Datasheet(PDF) 1 Page - Texas Instruments

Part # TPS61097A-33
Description  TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61097A-33 Datasheet(HTML) 1 Page - Texas Instruments

  TPS61097A-33_16 Datasheet HTML 1Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 2Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 3Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 4Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 5Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 6Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 7Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 8Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
TPS61097A
V
0.9 V to 3.3V
IN
VOUT
EN
L
GND
VIN
L1
C1
C2
V
+3.3V
OUT
Product
Folder
Sample &
Buy
Technical
Documents
Tools &
Software
Support &
Community
TPS61097A-33
SLVSCF2A – JANUARY 2014 – REVISED DECEMBER 2014
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent
Current
1 Features
3 Description
The TPS61097A-33 provides a power supply solution
1
Up to 93% Efficiency at Typical Operating
for products powered by either a single-cell, two-cell,
Conditions
or three-cell alkaline, NiCd, or NiMH, or one-cell Li-
Connection from Battery to Load via Bypass
Ion or Li-polymer battery. They can also be used in
Switch in Shutdown Mode
fuel cell or solar cell powered devices where the
capability of handling low input voltages is essential.
Typical Shutdown Current Less Than 5 nA
Possible output currents depend on the input-to-
Typical Quiescent Current Less Than 5
μA
output voltage ratio. The devices provide output
Operating Input Voltage Range
currents up to 100 mA at a 3.3-V output while using a
From 0.9 V to 5.5 V
single-cell Li-Ion or Li-Polymer battery. The boost
Power-Save Mode for Improved Efficiency at Low
converter is based on a current-mode controller using
synchronous
rectification
to
obtain
maximum
Output Power
efficiency. The maximum average input current is
Overtemperature Protection
limited to a value of 400 mA. The converter can be
Small 2.8-mm x 2.9-mm 5-Pin SOT-23 Package
disabled to minimize battery drain. During shutdown,
the battery is connected to the load to enable battery
2 Applications
backup of critical functions on the load. The device is
packaged
in
a
5-pin
SOT-23
package
(DBV)
MSP430 Applications
measuring 2.8 mm × 2.9 mm.
All Single-Cell, Two-Cell, and Three-Cell Alkaline,
NiCd, NiMH, or Single-Cell Li-Battery Powered
Device Information(1)
Products
PART NUMBER
PACKAGE
BODY SIZE (NOM)
Personal Medical Products
TPS61097A-33
SOT-23 (5)
2.90 mm × 2.90 mm
Fuel Cell and Solar Cell Powered Products
(1) For all available packages, see the orderable addendum at
the end of the datasheet.
PDAs
Mobile Applications
White LEDs
Typical Operating Application
1
An IMPORTANT NOTICE at the end of this data sheet addresses availability, warranty, changes, use in safety-critical applications,
intellectual property matters and other important disclaimers. PRODUCTION DATA.


Similar Part No. - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results

Similar Description - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com