Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61097A-33 Datasheet(PDF) 5 Page - Texas Instruments

Part # TPS61097A-33
Description  TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61097A-33 Datasheet(HTML) 5 Page - Texas Instruments

  TPS61097A-33_16 Datasheet HTML 1Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 2Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 3Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 4Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 5Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 6Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 7Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 8Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 24 page
background image
0
20
40
60
80
100
120
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
4.2
V
IN - Input Voltage -V
C004
Device Disabled
No Output Load
Temperature = 25£C
0.68
0.682
0.684
0.686
0.688
0.69
0.692
0.694
0.696
0.698
0.7
-40
-25
-10
5
20
35
50
65
80
Temperature - oC
C006
V
IN = 1.8V
No Output Load
0
10
20
30
40
50
60
70
80
90
100
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
V
IN - Input Voltage - V
IOUT = 1mA
IOUT = 5mA
IOUT = 10mA
IOUT = 50mA
IOUT = 100mA
C003
C
2 = 10µF, ceramic
L = 10µH
0
1
2
3
4
5
6
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
3.3
3.6
3.9
4.2
V
IN - Input Voltage -V
C004
Device Enabled
No Output Load
V
OUT = 3.3V
0
10
20
30
40
50
60
70
80
90
100
1
10
100
I
OUT - Output Current - mA
VIN = 0.9V
VIN = 1.2V
VIN = 1.5V
VIN = 1.8V
VIN = 2.5V
VIN = 3.0V
C002
C
2 = 10µF, ceramic
L = 10µH
0
0.05
0.1
0.15
0.2
0.25
0.3
0.9
1.2
1.5
1.8
2.1
2.4
2.7
3
V
IN - Input Voltage - V
C001
C
2 = 10µF, ceramic
L = 10µH
TPS61097A-33
www.ti.com
SLVSCF2A – JANUARY 2014 – REVISED DECEMBER 2014
6.6 Typical Characteristics
Refer to Figure 19 for reference designators.
Figure 1. Maximum Output Current vs Input Voltage
Figure 2. Efficiency vs Output current
Figure 3. Efficiency vs Input Voltage
Figure 4. Input Current vs Input Voltage
Figure 5. Input Current vs Input Voltage
Figure 6. VIH vs Temperature
Copyright © 2014, Texas Instruments Incorporated
Submit Documentation Feedback
5


Similar Part No. - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results

Similar Description - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com