Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPS61097A-33 Datasheet(PDF) 4 Page - Texas Instruments

Part # TPS61097A-33
Description  TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TPS61097A-33 Datasheet(HTML) 4 Page - Texas Instruments

  TPS61097A-33_16 Datasheet HTML 1Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 2Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 3Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 4Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 5Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 6Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 7Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 8Page - Texas Instruments TPS61097A-33_16 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
TPS61097A-33
SLVSCF2A – JANUARY 2014 – REVISED DECEMBER 2014
www.ti.com
6.4 Thermal Information
TPS61097A-33
THERMAL METRIC(1)
DBV
UNIT
5 PINS
θJA
Junction-to-ambient thermal resistance
208.7
θJCtop
Junction-to-case (top) thermal resistance
124.5
θJB
Junction-to-board thermal resistance
36.9
°C/W
ψJT
Junction-to-top characterization parameter
14.7
ψJB
Junction-to-board characterization parameter
36
(1)
For more information about traditional and new thermal metrics, see the IC Package Thermal Metrics application report, SPRA953.
6.5 Electrical Characteristics
Over recommended free-air temperature range and over recommended input voltage range (typical at an ambient
temperature range of 25°C) (unless otherwise noted)
PARAMETER
TEST CONDITIONS
MIN
TYP
MAX
UNIT
DC/DC STAGE
VIN
Input voltage
0.9
5.5
V
VOUT
Output voltage
VIN = 1.2 V , IOUT = 10 mA
3.20
3.30
3.40
ISW
Switch current limit
VOUT = 3.3 V
200
400
475
mA
Rectifying switch on resistance
VOUT = 3.3 V
1.0
Main switch on resistance
VOUT = 3.3 V
1.0
Bypass switch on resistance
VIN = 1.2 IOUT = 100 mA
3.4
Line regulation
VIN < VOUT, VIN = 1.2 V to 1.8 V, IOUT = 10 mA
0.5%
Load regulation
VIN < VOUT, IOUT = 10 mA to 50 mA, VIN = 1.8 V
0.5%
VIN
2
4
IQ
Quiescent current
IOUT = 0 mA, VEN = VIN = 1.2 V, VOUT = 3.5 V
μA
VOUT
5
8
VEN = 0 V, VIN = 1.2 V, IOUT = 0 mA
0.005
0.15
ISD
Shutdown current
VIN
VEN = 0 V, VIN = 3 V, IOUT = 0 mA
0.005
0.15
μA
Leakage current into L
VEN = 0 V, VIN = 1.2 V, VL = 1.2 V
0.01
1
CONTROL STAGE
EN input current
EN = 0 V or EN = VIN
0.01
0.1
μA
VIL
Logic low level, EN falling edge
0.58
V
VIN +
VIH
Logic high level, EN rising edge
0.78
1.0 V
OTP
Overtemperature protection
150
°C
OTPHYST
Overtemperature hysteresis
20
Undervoltage lock-out threshold
VUVLO
VIN decreasing
0.6
0.8
V
for turn off
4
Submit Documentation Feedback
Copyright © 2014, Texas Instruments Incorporated


Similar Part No. - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
More results

Similar Description - TPS61097A-33_16

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
TPS61097A-33 TI-TPS61097A-33_15 Datasheet
2Mb / 24P
TPS61097A-33 Low-Input Voltage Synchronous-Boost Converter With Low Quiescent Current
TPS61097-33 TI1-TPS61097-33 Datasheet
824Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61097 TI-TPS61097 Datasheet
744Kb / 27P
LOW INPUT VOLTAGE SYNCHRONOUS BOOST CONVERTER WITH LOW QUIESCENT CURRENT
TPS61099 TI1-TPS61099_17 Datasheet
2Mb / 23P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099_18 Datasheet
3Mb / 35P
Synchronous Boost Converter with Ultra-Low Quiescent Current
logo
SG Micro Corp
SGM66099B SGMICRO-SGM66099B Datasheet
979Kb / 17P
Synchronous Boost Converter with Ultra-Low Quiescent Current
AUGUST2022-REV.B
logo
Texas Instruments
TPS61099 TI1-TPS61099_16 Datasheet
2Mb / 22P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099_017 TI1-TPS61099_017 Datasheet
3Mb / 31P
Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI-TPS61099_V01 Datasheet
3Mb / 35P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
TPS61099 TI1-TPS61099 Datasheet
2Mb / 22P
TPS61099x Synchronous Boost Converter with Ultra-Low Quiescent Current
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com