Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

EL6203 Datasheet(PDF) 6 Page - Intersil Corporation

Part # EL6203
Description  Laser Driver Oscillator
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INTERSIL [Intersil Corporation]
Direct Link  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

EL6203 Datasheet(HTML) 6 Page - Intersil Corporation

Back Button EL6203 Datasheet HTML 2Page - Intersil Corporation EL6203 Datasheet HTML 3Page - Intersil Corporation EL6203 Datasheet HTML 4Page - Intersil Corporation EL6203 Datasheet HTML 5Page - Intersil Corporation EL6203 Datasheet HTML 6Page - Intersil Corporation EL6203 Datasheet HTML 7Page - Intersil Corporation EL6203 Datasheet HTML 8Page - Intersil Corporation EL6203 Datasheet HTML 9Page - Intersil Corporation EL6203 Datasheet HTML 10Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
6
FIGURE 13. PEAK-TO-PEAK OUTPUT CURRENT vs
TEMPERATURE
FIGURE 14. SUPPLY CURRENT vs TEMPERATURE
FIGURE 15. OUTPUT CURRENT @ 60MHz
FIGURE 16. OUTPUT CURRENT @ 350MHz
FIGURE 17. OUTPUT CURRENT @ 600MHz
FIGURE 18. OUTPUT SPECTRUM-WIDEBAND
Typical Performance Curves
VDD = 5V, TA = 25°C, RL = 10Ω, RFREQ = 5.21kΩ, RAMP = 2.54kΩ, VOUT = 2.2V unless otherwise specified. (Continued)
60
70
95
AMBIENT TEMPERATURE (°C)
-50
0
150
50
100
80
90
65
75
85
10
15
30
AMBIENT TEMPERATURE (°C)
-50
0
150
50
100
20
25
RFREQ=30.3kΩ
RAMP=2.54kΩ
40mA
4.0ns
RFREQ=2.51kΩ
RAMP=2.54kΩ
40mA
1.0ns
RFREQ=3.03kΩ
RAMP=2.54kΩ
40mA
0.4ns
-90
10
FREQUENCY (MHz)
340
360
-30
-70
-10
-50
348
352
356
344
EL6203


Similar Part No. - EL6203

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
EL6203 INTERSIL-EL6203 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6203CW ELANTEC-EL6203CW Datasheet
155Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6203CW INTERSIL-EL6203CW Datasheet
199Kb / 11P
   Laser Driver Oscillator
More results

Similar Description - EL6203

ManufacturerPart #DatasheetDescription
logo
Elantec Semiconductor
EL6203C ELANTEC-EL6203C Datasheet
155Kb / 2P
   Laser Driver Oscillator
EL6205C ELANTEC-EL6205C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6204 INTERSIL-EL6204 Datasheet
154Kb / 10P
   Laser Driver Oscillator
EL6202 INTERSIL-EL6202 Datasheet
116Kb / 8P
   Laser Driver Oscillator
EL6205 INTERSIL-EL6205 Datasheet
129Kb / 8P
   Laser Driver Oscillator
logo
Renesas Technology Corp
EL6203 RENESAS-EL6203 Datasheet
616Kb / 11P
   Laser Driver Oscillator
August 8, 2007
logo
Intersil Corporation
EL6203 INTERSIL-EL6203_07 Datasheet
199Kb / 11P
   Laser Driver Oscillator
logo
Elantec Semiconductor
EL6204C ELANTEC-EL6204C Datasheet
133Kb / 2P
   Laser Driver Oscillator
logo
Intersil Corporation
EL6206 INTERSIL-EL6206 Datasheet
136Kb / 7P
   Laser Driver Oscillator
EL6204 INTERSIL-EL6204_07 Datasheet
228Kb / 11P
   Laser Driver Oscillator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com