Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWSF-OADM-W Datasheet(PDF) 2 Page - Finisar Corporation.

Part # FWSF-OADM-W
Description  CWDM OADM-4 w/TAP Plug-in Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWSF-OADM-W Datasheet(HTML) 2 Page - Finisar Corporation.

  FWSF-OADM-W Datasheet HTML 1Page - Finisar Corporation. FWSF-OADM-W Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Finisar WuXi Inc.
Lot Z3-1, Wuxi Export Processing Zone, Wuxi New District, WuXi,
Jiangsu Province, China 214028
Main: +86-510-68007800
Fax: +86-510-68007900
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Mar. 15 Rev. C
OADM-4 W/TAP Plug-in Module Parameter Specifications
Passband
Max Insertion Loss (dB)
Min Isolation (dB)
Max Insertion Loss(dB)
(Monitor Port)
Add
Drop
Pass
(1550)
Pass
(1310)
Add
Drop
Pass
All Ports
Center
wavelength
+/- 6.5 nm
1.8
1.8
2.1
2.1
30
30
15
23
Note: Connector loss included.
Front Panel
FWSF-OADM-W/TAP-4B-1-LC Front Panel
FWSF-OADM-W/TAP-4B-2-LC Front Panel
Dimensions (Unit: inch)
Ordering Information
Part Number Description
FWSF-OADM-W/TAP-4B-1-LC
4 Wavelengths Add/Drop MUX (1471, 1491, 1511, 1531) with TAP port Plug-in Module for FWSF-
CHASSIS-2, LC connectors
FWSF-OADM-W/TAP-4B-2-LC
4 Wavelengths Add/Drop MUX (1551, 1571, 1591, 16131) with TAP port Plug-in Module for FWSF-
CHASSIS-2, LC connectors


Similar Part No. - FWSF-OADM-W

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-OADM-W-TAP-4B-1-LC FINISAR-FWSF-OADM-W-TAP-4B-1-LC Datasheet
169Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
FWSF-OADM-W-TAP-4B-2-LC FINISAR-FWSF-OADM-W-TAP-4B-2-LC Datasheet
169Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
More results

Similar Description - FWSF-OADM-W

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-OADM-W-TAP-4B-1-LC FINISAR-FWSF-OADM-W-TAP-4B-1-LC Datasheet
169Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
CWDM OADM-4 Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
CWDM OADM-1 Optibox Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
CWDM MUX/DEMUX-4-EX Plug-in Module
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
Single Channel CWDM OADM
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
Single Channel CWDM OADM
logo
Finisar Corporation.
FWSF-M FINISAR-FWSF-M Datasheet
236Kb / 2P
CWDM MUX/DEMUX-8 w/TAP Plug-in Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com