Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

FWSF-OADM-W Datasheet(PDF) 1 Page - Finisar Corporation.

Part # FWSF-OADM-W
Description  CWDM OADM-4 w/TAP Plug-in Module
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FINISAR [Finisar Corporation.]
Direct Link  http://www.finisar.com/home.php
Logo FINISAR - Finisar Corporation.

FWSF-OADM-W Datasheet(HTML) 1 Page - Finisar Corporation.

  FWSF-OADM-W Datasheet HTML 1Page - Finisar Corporation. FWSF-OADM-W Datasheet HTML 2Page - Finisar Corporation.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Finisar WuXi Inc.
Lot Z3-1, Wuxi Export Processing Zone, Wuxi New District, WuXi,
Jiangsu Province, China 214028
Main: +86-510-68007800
Fax: +86-510-68007900
Finisar Corporation
1308 Moffett Park Drive, Sunnyvale, CA 94089-1133, USA
Main: (408) 548-1000 Fax: (408)543-0083
Email: sales@finisar.com
Website: www.finisar.com
Mar. 15 Rev. C
Features:
Low optical
insertion loss
Cost-effective
CWDM technology
Mux/Demux four
wavelengths
Monitor port
available
Dual LC connectors
for a simple
pluggable interface
Color coded for
easy installation
Reliable passive
WDM technology
Scalable for
ring networks
Low-profile
modular design
Fits in 1RU 19”
rack mount chassis
RoHS compliant
OADM-4 w/TAP Plug-in Module
Specifications
Mechanical
Dimensions:
8.3” x 1.7” x 10.4”,
210mm x 43mm x 264mm,
plug-in for 1RU rack-mount
Connectors:
• Network side:2 dual LC/PC
• Equipment side: 4 dual LC/PC
• Monitor side: 2 dual LC/PC
CWDM OADM-4 w/TAP
Plug-in Module
OADM-4w/TAP plug-in module is a passive optical add/drop multiplexer designed for
metro access applications that represents the state of the art in fiber optics design.
The OADM module adds and drops four CWDM wavelength channels from network
traffic and passes the other channels. These four-channel OADMs are transparent to
the 1310nm wavelength and include a monitor port to provide customers capability to
monitor and troubleshoot networks. Finisar's unique CWDM design maps the
channels into two-fiber paths, going in opposite directions into a network (east/west).
Added/dropped channels can be connected to any of Finisar's CWDM transceivers on
the equipment side. A grid of eight CWDM wavelengths is available from Finisar. The
OADM module plugs into one half of a 1RU, 19" rack mount chassis for simple
installation and modularity. This Chassis based system allows a network equipment
manufacturer to add WDM capability to any existing networks with simple pluggable
interface.
The equipment ports of the OADM-4w/TAP plug-in module are color coded to match
the wavelength of Finisar's CWDM transceiver to simplify installation and
troubleshooting without having to remove the transceivers from the local equipment.
This OADM module delivers dramatic cost savings to network equipment
manufacturers, enabling them to develop metro access systems that are lower in cost,
easier to provision and simpler to operate.
Optical
Center wavelengths:
(2 versions):
OADM-W/TAP-4B-1 Plug-in
• 1471 nm
• 1491 nm
• 1511 nm
• 1531 nm
OADM-W/TAP-4B-2 Plug-in
• 1551 nm
• 1571 nm
• 1591 nm
• 1611 nm
All versions is transparent at 1260-
1360 nm
Directivity:
≥ 50 dB
Return Loss:
≥ 45 dB
Passband Ripple:
≤ 0.5dB
PDL:
≤ 0.2dB
PMD:
≤ 0.2ps
Environmental:
• Operating -5 to 70
oC
• Relative humidity:
10 to 85%
Non-condensing
• Storage - 40 to 85
oC


Similar Part No. - FWSF-OADM-W

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-OADM-W-TAP-4B-1-LC FINISAR-FWSF-OADM-W-TAP-4B-1-LC Datasheet
169Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
FWSF-OADM-W-TAP-4B-2-LC FINISAR-FWSF-OADM-W-TAP-4B-2-LC Datasheet
169Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
More results

Similar Description - FWSF-OADM-W

ManufacturerPart #DatasheetDescription
logo
Finisar Corporation.
FWSF-OADM-W-TAP-4B-1-LC FINISAR-FWSF-OADM-W-TAP-4B-1-LC Datasheet
169Kb / 2P
CWDM OADM-4 w/TAP Plug-in Module
FWSF-OADM-1-47 FINISAR-FWSF-OADM-1-47 Datasheet
169Kb / 3P
CWDM OADM-1 Plug-in Module
FWSF-OADM-4-1 FINISAR-FWSF-OADM-4-1 Datasheet
218Kb / 3P
CWDM OADM-4 Plug-in Module
OADMF-4-1-LC FINISAR-OADMF-4-1-LC Datasheet
113Kb / 2P
CWDM OADM-4 Optibox Module
OADMF-1-47-LC FINISAR-OADMF-1-47-LC Datasheet
111Kb / 2P
CWDM OADM-1 Optibox Module
FWSF-M-D-4-EX FINISAR-FWSF-M-D-4-EX Datasheet
162Kb / 2P
CWDM MUX/DEMUX-4-EX Plug-in Module
logo
JDS Uniphase Corporatio...
MDX-02ADCB1AA JDSU-MDX-02ADCB1AA Datasheet
127Kb / 4P
Outside Plant CWDM Optical Add/Drop (OSP CWDM OADM)Module
logo
OPLINK Communications I...
COADMG OPLINK-COADMG Datasheet
291Kb / 2P
Single Channel CWDM OADM
CWDMG OPLINK-CWDMG Datasheet
188Kb / 2P
Single Channel CWDM OADM
logo
Finisar Corporation.
FWSF-M FINISAR-FWSF-M Datasheet
236Kb / 2P
CWDM MUX/DEMUX-8 w/TAP Plug-in Module
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com