Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-1-30M Datasheet(PDF) 10 Page - Cooper Bussmann, Inc.

Part # CCP-1-30M
Description  Compact Circuit Protector DIN-Rail fused disconnect switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCP-1-30M Datasheet(HTML) 10 Page - Cooper Bussmann, Inc.

Back Button CCP-1-30M Datasheet HTML 4Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 5Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 6Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 7Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 8Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 9Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 10Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 11Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 10 / 12 page
background image
10
Technical Data 1157
Effective March 2016
Compact Circuit Protector (CCP)
UL Class CC, CF (CUBEFuse), midget and IEC 10x38mm
fused disconnect switches
Eaton.com/bussmannseries
PLC wiring schematic:
Connection from CCP-PLC-IND to CCP
Connections for CCP-PLC-IND from a CCP-3-XX
to a remote monitoring device
Connect leads from CCP-PLC-IND to the terminals as shown .
There is a dedicated terminal on the CCP to accept the spade
connectors from the CCP-PLC-IND .
NOTE: When monitoring a 1-or 2-pole CCP, trim unused leads .
PLC Power
Supply
CCP-PLC-IND
CCP-PLC-100
PLC
Input
Card
+24Vdc
0Vdc/Gnd
+24Vdc
0Vdc/Gnd
+24Vdc
0Vdc/Gnd
Signal Output
10mA max.
The CCP-PLC-IND and
CCP-PLC-100 need to be
powered by the same
+24Vdc and ground
(0Vdc/Gnd return)
terminals that are feeding
the PLC input card.
If it is not, it may signal
improperly.
If feeding multiple
CCP-PLC-INDs or
CCP-PLC-100s
from different power supplies,
there must be multiple
input cards being powered
by those same power
supplies as well.
Circuit monitoring leads
from CCP-PLC-IND
to CCP (100Vac – 600Vac)
Circuit monitoring
leads from PLC
or remote monitoring
device .
PLC power
supply


Similar Part No. - CCP-1-30M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP-1-30CF EATON-CCP-1-30CF Datasheet
2Mb / 12P
   Compact Circuit Protector
More results

Similar Description - CCP-1-30M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Eaton All Rights Reserv...
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
   CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
celduc-relais
SILD867170 CELDUC-SILD867170 Datasheet
549Kb / 5P
   Contacteur statique compact sur rail DIN
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
SDN-C ETC-SDN-C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com