Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-1-30M Datasheet(PDF) 7 Page - Cooper Bussmann, Inc.

Part # CCP-1-30M
Description  Compact Circuit Protector DIN-Rail fused disconnect switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCP-1-30M Datasheet(HTML) 7 Page - Cooper Bussmann, Inc.

Back Button CCP-1-30M Datasheet HTML 3Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 4Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 5Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 6Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 7Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 8Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 9Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 10Page - Cooper Bussmann, Inc. CCP-1-30M Datasheet HTML 11Page - Cooper Bussmann, Inc. Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
7
Technical Data 1157
Effective March 2016
Compact Circuit Protector (CCP)
UL Class CC, CF (CUBEFuse), midget and IEC 10x38mm
fused disconnect switches
Eaton.com/bussmannseries
Motor sizing table:
Bussmann series TCF Low-Peak™ time-delay Class CF fuses
Voltage
Motor
size (Hp)
Motor
FLA (amps)
Optimal
protection
(amps)
Code
max
(amps)
Heavy
start
(amps)
115Vac, 1-phase
0 .167
4 .4
10
10
10
0 .25
5 .8
10
15
15
0 .333
7.2
15
15
15
0 .5
9 .8
15
20
20
0 .75
13 .8
25
25
30
1
16
25
30
35
1.5
20
30
35
45
2
24
40
45
50
3
34
50
60
N/A
5**
56
90
100
N/A
230Vac,1-phase
0 .167
2 .2
6
6
6
0 .25
2 .9
6
6
6
0 .333
3 .6
6
10
10
0 .5
4 .9
10
10
10
0 .75
6 .9
15
15
15
1
8
15
15
17.5
1.5
10
15
20
20
2
12
20
25
25
3
17
25
30
35
5
28
45
50
60
7.5
40
60
N/A
N/A
10**
50
80
90
N/A
200Vac, 3-phase
0 .5
2 .5
6
6
6
0 .75
3 .7
6
10
10
1
4 .8
10
10
10
1.5
6 .9
15
15
15
2
7.8
15
15
17.5
3
11
17.5
20
20
5
17.5
30
35
35
7.5
25 .3
40
45
50
20**
62 .1
100
N/A
N/A
208Vac, 3-phase
0 .5
2 .4
6
6
6
0 .75
3 .5
6
10
10
1
4 .6
10
10
10
1.5
6 .6
10
15
15
2
7.5
15
15
15
3
10 .6
17.5
20
20
5
16 .7
25
30
35
7.5
24 .2
40
45
50
20**
59 .4
90
N/A
N/A
Voltage
Motor
size (Hp)
Motor
FLA (amps)
Optimal
protection
(amps)
Code
max
(amps)
Heavy
start
(amps)
230Vac, 3-phase
0 .5
2 .2
6
6
6
0 .75
3 .2
6
6
6
1
4 .2
10
10
10
1.5
6
10
15
15
2
6 .8
15
15
15
3
9 .6
15
20
20
5
15 .2
25
30
30
7.5
22
35
40
45
20**
54
90
100
N/A
460Vac, 3-phase
0 .5
1.1
3
3
3
0 .75
1.6
3
3
3
1
2 .1
6
6
6
1.5
3
6
6
6
2
3 .4
6
6
6
3
4 .8
10
10
10
5
7.6
15
15
15
7.5
11
17.5
20
20
10
14
25
25
30
15
21
35
40
45
20
27
40
50
60
50**
65
100
N/A
N/A
575Vac, 3-phase
0 .5
0 .9
3
3
3
0 .75
1.3
3
3
3
1
1.7
3
3
3
1.5
2 .4
6
6
6
2
2 .7
6
6
6
3
3 .9
6
10
10
5
6 .1
10
15
15
7.5
9
15
20
20
10
11
17.5
20
20
40**
41
70
80
80
Note: Use Code Max column for low to moderate reverse/jog/plug
applications .
*Heavy Start permitted only if Code Max does not allow motor start-up .
Based on motor FLA from NEC® tables 430 .248 and 430 .250 .


Similar Part No. - CCP-1-30M

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP-1-30CF EATON-CCP-1-30CF Datasheet
2Mb / 12P
   Compact Circuit Protector
More results

Similar Description - CCP-1-30M

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Eaton All Rights Reserv...
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
   CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
celduc-relais
SILD867170 CELDUC-SILD867170 Datasheet
549Kb / 5P
   Contacteur statique compact sur rail DIN
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
SDN-C ETC-SDN-C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com