Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-1-30CC Datasheet(PDF) 9 Page - Cooper Bussmann, Inc.

Part # CCP-1-30CC
Description  Compact Circuit Protector DIN-Rail fused disconnect switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCP-1-30CC Datasheet(HTML) 9 Page - Cooper Bussmann, Inc.

Back Button CCP-1-30CC Datasheet HTML 4Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 5Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 6Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 7Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 8Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 9Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 10Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 11Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 9 / 12 page
background image
9
Technical Data 1157
Effective March 2016
Compact Circuit Protector (CCP)
UL Class CC, CF (CUBEFuse), midget and IEC 10x38mm
fused disconnect switches
Eaton.com/bussmannseries
PLC fuse monitor:
Description:
A resettable three-phase
fuse monitor that integrates
with the I/O card in a
Programmable Logic
Controller (PLC) .
Specifications:
Signal output to PLC:
+24Vdc, 10mA max
Output signals:
Digital 0Vdc (Low), 24Vdc max (High)
- 0Vdc Low – Fuse is good
- 24Vdc High – Fuse has opened
When the fuse opens, the output signal is sent high and will
remain high until the unit is reset .
Agency information
UL 98 File E155130, Guide WHTY2
cULus to CSA Standard 22 .2 No . 4-04
Rated impulse voltage
8kV
Local indication
Two distinct LEDs indicate unit power (green) and open fuse
(red) . Open fuse LED is resettable upon the replacement of
the fuse and the actuation of the reset switch
Flammability rating
UL 94V0
Wiring
For power, signal and ground connections use shielded
twisted pair 22-24AWG (0 .34-0 .25mm2) 300V rated wire
Packaging
The CCP-PLC-IND is packaged individually
A single unit monitors up to three phases . Package includes
0 .110” (2 .8mm) quick connects for power, signal and
ground connections
Minimum circuit voltage
Minimum circuit voltage required across the CCP is 100Vac/dc
for the remote indication device to operate
Installation technique
Mounts on the left side ONLY of the CCP and mechanically
interlocks with the CCP switch handle with hardware provided
IP20 Rating
Yes
Storage and operating temperature
-20°C to 75°C
PLC programming
The CCP-PLC-IND signal line is designed to provide a digital
input to a PLC I/O card . In this case, a Programmable Logic
Control
program must be written to properly interpret the input signal
to the PLC . The PLC program should check for consecutive
high
signals before taking action on a critical process .
Catalog numbers
1-60A, CCP-PLC-IND
70-100A, CCP-PLC-100
Description
Max
per
CCP
Signal
output
to PLC
Min.
circuit
Volts
Agency
information
Catalog
number
Wired remote
fuse
indication for
PLC
applications
up to 60A
1 per
CCP
(1, 2- or
3-pole)
24Vdc/
10mA
100Vac
UL 98
Recognized,
cURus 22 .2
No . 4-04
CCP-PLC-IND
Wired remote
fuse
indication for
PLC
applications
70 to 100A
CCP-PLC-100
De-energize all circuits before installing or removing any
CCP-PLC-IND devices and follow all prescribed safety procedures .
Installed on a CCP-3-xx
Up to 60A CCP
70 to 100A CCP


Similar Part No. - CCP-1-30CC

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP-1-30CF EATON-CCP-1-30CF Datasheet
2Mb / 12P
   Compact Circuit Protector
More results

Similar Description - CCP-1-30CC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Eaton All Rights Reserv...
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
   CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
celduc-relais
SILD867170 CELDUC-SILD867170 Datasheet
549Kb / 5P
   Contacteur statique compact sur rail DIN
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
SDN-C ETC-SDN-C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com