Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CCP-1-30CC Datasheet(PDF) 8 Page - Cooper Bussmann, Inc.

Part # CCP-1-30CC
Description  Compact Circuit Protector DIN-Rail fused disconnect switches
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  COOPER [Cooper Bussmann, Inc.]
Direct Link  http://www.cooperbussmann.com
Logo COOPER - Cooper Bussmann, Inc.

CCP-1-30CC Datasheet(HTML) 8 Page - Cooper Bussmann, Inc.

Back Button CCP-1-30CC Datasheet HTML 4Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 5Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 6Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 7Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 8Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 9Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 10Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 11Page - Cooper Bussmann, Inc. CCP-1-30CC Datasheet HTML 12Page - Cooper Bussmann, Inc.  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
8
Technical Data 1157
Effective March 2016
Compact Circuit Protector (CCP)
UL Class CC, CF (CUBEFuse), midget and IEC 10x38mm
fused disconnect switches
Eaton.com/bussmannseries
1.8
2.6
3.7
1.9
.190
.3
1.8
2.9
2.2
3.7
.190
.3
33 NO
41 NC
34 NO
42 NC
42 NC
34 NO
33 NO
41 NC
STRIP
STRIP
Auxiliary Contacts:
Description:
NO+NC contact output to indicate
the status of the switching
mechanism on the CCP.
Specifications:
Rated ampacity
5A
Rated voltage
240Vac
NC/NO contacts are closed/open
when the CCP switch is in the “ON”
position (closed)
Flammability Rating
UL 94V0
Agency information
UL 98 File E155130, Guide WHTY2
cULus to CSA Standard 22 .2 No . 4-04
IEC 60947-5-1
Wiring
20-16AWG (0 .5 to 1.5mm2) wire
Torque 5 Lb-In (0 .68N•m)
For use with only 75°C Cu wire
Packaging
The CCP-AUX and CCP-AUX-100 are packaged individually
A single unit is capable of mounting to a 1-, 2-, or 3-pole CCP
Installation technique
Mounts on the right side ONLY of the CCP, and mechanically
interlocks with the CCP switch handle with hardware provided
IP20 rating
Yes
Environmental data
Storage and operating temperature: -20°C to 75°C
Catalog numbers
1-60A, CCP-AUX
70-100A, CCP-AUX-100
Description
Max per
CCP
Signal
output
Agency
information
Catalog
number
Auxiliary Contacts
NO+NC for
Switch Status
up to 60A
1 per CCP
(1-, 2- or
3-pole)
5A/240Vac
UL 98
Recognized,
cURus 22 .2
No . 4-04,
IEC 60947-5-
1 AC-15
CCP-AUX
Auxiliary Contacts
NO+NC for
Switch Status
70 to 100A
1 per CCP
(1-, 2- or
3-pole)
5A/240Vac
UL 98
Recognized,
CSA C22 .2
No . 4-04
CCP-AUX-100
De-energize all circuits before installing or removing any CCP-AUX devices
and follow all prescribed safety procedures .
Installed on a CCP-3-xx
Up to 60A CCP
70 to 100A CCP
Dimensions – mm (in)
Up to 60A CCP
70 to 100A CCP


Similar Part No. - CCP-1-30CC

ManufacturerPart #DatasheetDescription
logo
Eaton All Rights Reserv...
CCP-1-30CF EATON-CCP-1-30CF Datasheet
2Mb / 12P
   Compact Circuit Protector
More results

Similar Description - CCP-1-30CC

ManufacturerPart #DatasheetDescription
logo
Cooper Bussmann, Inc.
CCD-3-30 COOPER-CCD-3-30 Datasheet
358Kb / 3P
   switch non-fused Compact Circuit Disconnect
TPC-8 COOPER-TPC-8 Datasheet
361Kb / 7P
   Telpower Compact Fused Disconnect Switch
logo
Eaton All Rights Reserv...
CCP EATON-CCP Datasheet
2Mb / 12P
   Compact Circuit Protector
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF Datasheet
270Kb / 3P
   Compact Circuit Protector Base
logo
Advantech Co., Ltd.
BB-HESP4DR ADVANTECH-BB-HESP4DR Datasheet
320Kb / 1P
   Three-stage DIN Rail Surge Protector
logo
Eaton All Rights Reserv...
CCP2B EATON-CCP2B Datasheet
1Mb / 6P
   CUBEFuse??Compact Circuit Protector Base
logo
Cooper Bussmann, Inc.
CCPB-1-15CF COOPER-CCPB-1-15CF_16 Datasheet
1Mb / 6P
   CUBEFuseTM Compact Circuit Protector Base (CCPB)
logo
celduc-relais
SILD867170 CELDUC-SILD867170 Datasheet
549Kb / 5P
   Contacteur statique compact sur rail DIN
logo
List of Unclassifed Man...
CCPB-1-15CF ETC1-CCPB-1-15CF Datasheet
1Mb / 6P
   CUBEFuse Compact Circuit Protector Base (CCPB)
SDN-C ETC-SDN-C Datasheet
405Kb / 7P
   SDN-C Compact DIN Rail Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com