Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

OPA4317-Q1 Datasheet(PDF) 13 Page - Texas Instruments

Part # OPA4317-Q1
Description  Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
Download  29 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

OPA4317-Q1 Datasheet(HTML) 13 Page - Texas Instruments

Back Button OPA4317-Q1 Datasheet HTML 9Page - Texas Instruments OPA4317-Q1 Datasheet HTML 10Page - Texas Instruments OPA4317-Q1 Datasheet HTML 11Page - Texas Instruments OPA4317-Q1 Datasheet HTML 12Page - Texas Instruments OPA4317-Q1 Datasheet HTML 13Page - Texas Instruments OPA4317-Q1 Datasheet HTML 14Page - Texas Instruments OPA4317-Q1 Datasheet HTML 15Page - Texas Instruments OPA4317-Q1 Datasheet HTML 16Page - Texas Instruments OPA4317-Q1 Datasheet HTML 17Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 29 page
background image
GM1
+IN
-IN
CHOP1
CHOP2
Notch
Filter
GM_FF
GM2
GM3
C2
C1
OUT
Copyright © 2016, Texas Instruments Incorporated
13
OPA317-Q1, OPA2317-Q1, OPA4317-Q1
www.ti.com
SLOS914 – JULY 2016
Product Folder Links: OPA317-Q1 OPA2317-Q1 OPA4317-Q1
Submit Documentation Feedback
Copyright © 2016, Texas Instruments Incorporated
8 Detailed Description
8.1 Overview
The OPA317-Q1 is a family of low-power, rail-to-rail input and output operational amplifiers. These devices
operate from 1.8 V to 5.5 V, are unity-gain stable, and are suitable for a wide range of general-purpose
applications. The class AB output stage is capable of driving
≤ 10-kΩ loads connected to any point between V+
and ground. The input common-mode voltage range includes both rails and allows the OPA317 series to be used
in virtually any single-supply application. Rail-to-rail input and output swing significantly increases dynamic range,
especially in low-supply applications, and makes them ideal for driving sampling analog-to-digital converters
(ADCs).
8.2 Functional Block Diagram
8.3 Feature Description
8.3.1 Operating Voltage
The OPA317-Q1 series of operational amplifiers can be used with single or dual supplies from an operating
range of VS = 1.8 V (±0.9 V) up to 5.5 V (±2.75 V).
CAUTION
Supply voltages greater than 7 V can permanently damage the device.
See the Absolute Maximum Ratings table. Key parameters that vary over the supply voltage or temperature
range are shown in the Typical Characteristics section.


Similar Part No. - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA4317-Q1 TI1-OPA4317-Q1 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
More results

Similar Description - OPA4317-Q1

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
OPA317-Q1 TI1-OPA317-Q1_16 Datasheet
1Mb / 31P
[Old version datasheet]   Zero-Drift, Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA4317 TI1-OPA4317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI1-OPA317 Datasheet
1Mb / 30P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier
OPA317 TI-OPA317 Datasheet
1Mb / 29P
[Old version datasheet]   Low-Offset, Rail-to-Rail I/O Operational Amplifier Precision Catalog
logo
Rohm
LMR1001YF-C ROHM-LMR1001YF-C Datasheet
1Mb / 20P
   Automotive Zero Drift Low Offset Voltage Rail-to-Rail input/output CMOS Operational Amplifier
16.Jan.2023 Rev.001
logo
Zhaoxingwei Electronics...
ISL28130CHZ ZHAOXINGWEI-ISL28130CHZ Datasheet
1Mb / 11P
   350kHz, Zero-Drift, CMOS,Rail-to-Rail Operational Amplifier
logo
E-CMOS Corporation
EC5731 E-CMOS-EC5731 Datasheet
821Kb / 13P
   350kHz, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
EC5761 E-CMOS-EC5761 Datasheet
451Kb / 13P
   1.5M, Zero-Drift, CMOS, Rail-to-Rail Operational Amplifier
logo
SG Micro Corp
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
   Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
   Rail-to-Rail I/O CMOS Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com